Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDI1284P11DL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDI1284P11DL
Description  3.3 V parallel interface transceiver/buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDI1284P11DL Datasheet(HTML) 4 Page - NXP Semiconductors

  PDI1284P11DL Datasheet HTML 1Page - NXP Semiconductors PDI1284P11DL Datasheet HTML 2Page - NXP Semiconductors PDI1284P11DL Datasheet HTML 3Page - NXP Semiconductors PDI1284P11DL Datasheet HTML 4Page - NXP Semiconductors PDI1284P11DL Datasheet HTML 5Page - NXP Semiconductors PDI1284P11DL Datasheet HTML 6Page - NXP Semiconductors PDI1284P11DL Datasheet HTML 7Page - NXP Semiconductors PDI1284P11DL Datasheet HTML 8Page - NXP Semiconductors PDI1284P11DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PDI1284P11_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 25 August 2008
4 of 16
NXP Semiconductors
PDI1284P11
3.3 V parallel interface transceiver/buffer
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration
PDI1284P11
HD
DIR
A9
Y9
A10
Y10
A11
Y11
A12
Y12
A13
Y13
VCC
VCC(B)
A1
B1
A2
B2
GND
GND
A3
B3
A4
B4
A5
B5
A6
B6
GND
OEA
A7
B7
A8
B8
VCC
VCC(B)
PLHI
PLHO
A14
C14
A15
C15
A16
C16
A17
C17
HLHO
HLHI
001aai291
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Table 2.
Pin description
Symbol
Pin
Description
HD
1
high drive enable/disable input
A1 to A8
8, 9, 11, 12, 13,
14, 16, 17
data input/output
B1 to B8
41, 40, 38, 37,
36, 35, 33, 32
IEEE 1284 standard output/input[1]
A9 to A13
2, 3, 4, 5, 6
data input
Y9 to Y13
47, 46, 45, 44, 43 IEEE 1284 standard output[1]
C14 to C17
29, 28, 27, 26
control input (cable)[1]
A14 to A17
20, 21, 22, 23
control output (peripheral)
VCC
7, 18
supply voltage
GND
10, 15, 39
ground (0 V)
PLHI
19
peripheral logic high input (peripheral)


Similar Part No. - PDI1284P11DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1284P11DL PHILIPS-PDI1284P11DL Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
More results

Similar Description - PDI1284P11DL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11 PHILIPS-PDI1284P11 Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
74HCT1284 PHILIPS-74HCT1284 Datasheet
138Kb / 12P
   Parallel printer interface transceiver/buffer
1998 Jul 10
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
   3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
STMicroelectronics
STUSB06E STMICROELECTRONICS-STUSB06E Datasheet
262Kb / 20P
   3.3 V USB transceiver
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com