Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK953BD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK953BD
Description  20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK953BD Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK953BD Datasheet HTML 1Page - NXP Semiconductors PCK953BD Datasheet HTML 2Page - NXP Semiconductors PCK953BD Datasheet HTML 3Page - NXP Semiconductors PCK953BD Datasheet HTML 4Page - NXP Semiconductors PCK953BD Datasheet HTML 5Page - NXP Semiconductors PCK953BD Datasheet HTML 6Page - NXP Semiconductors PCK953BD Datasheet HTML 7Page - NXP Semiconductors PCK953BD Datasheet HTML 8Page - NXP Semiconductors PCK953BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PCK953_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 9 October 2008
4 of 15
NXP Semiconductors
PCK953
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL clock driver
7.
Limiting values
8.
Static characteristics
[1]
Vcm is the difference from the most positive side of the differential input signal. Normal operation is obtained when the HIGH input is
within the Vcm range and the input swing lies within the Vi(p-p) specification.
[2]
The PCK953 outputs can drive series or parallel terminated 50
Ω (or 50 Ω to 0.5V
CC) transmission lines on the incident edge (see
Section 11 “Application information”).
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+4.6
V
VI
input voltage
−0.3
VDD + 0.3
V
II
input current
-
±20
mA
Tstg
storage temperature
−40
+125
°C
Table 5.
Static characteristics
Tamb =0 °C to 70 °C; VCC = 3.3 V ± 5 %, unless specified otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
LVCMOS inputs
2.0
-
3.6
V
VIL
LOW-level input voltage
LVCMOS inputs
-
-
0.8
V
Vi(p-p)
peak-to-peak input voltage
PECL_CLK
300
-
1000
mV
Vcm
common-mode voltage
PECL_CLK
[1] VCC − 1.5
-
VCC − 0.6
mV
VOH
HIGH-level output voltage
IOH = −20 mA
[2] 2.4
-
-
V
VOL
LOW-level output voltage
IOL =20mA
[2] -
-
0.5
V
II
input current
-
-
±75
µA
Ci
input capacitance
-
-
4
pF
CPD
power dissipation capacitance
per output
-
25
-
pF
ICC
maximum quiescent supply current
all VCC pins
-
9
20
mA
ICCPLL
maximum PLL supply current
VCCA pin only
-
9
20
mA


Similar Part No. - PCK953BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK953BD PHILIPS-PCK953BD Datasheet
71Kb / 8P
   50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
2001 Feb 08
More results

Similar Description - PCK953BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK953 PHILIPS-PCK953 Datasheet
71Kb / 8P
   50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
2001 Feb 08
logo
Cypress Semiconductor
CY29972 CYPRESS-CY29972_11 Datasheet
370Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TW0284A TAI-SAW-TW0284A Datasheet
272Kb / 5P
   7.0x5.0 XO 125 MHz PECL Output Oscillator
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
logo
ON Semiconductor
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
   3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
   3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
   3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com