Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0404CA-TU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT88SC0404CA-TU
Description  CryptoMemory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0404CA-TU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT88SC0404CA-TU Datasheet HTML 1Page - ATMEL Corporation AT88SC0404CA-TU Datasheet HTML 2Page - ATMEL Corporation AT88SC0404CA-TU Datasheet HTML 3Page - ATMEL Corporation AT88SC0404CA-TU Datasheet HTML 4Page - ATMEL Corporation AT88SC0404CA-TU Datasheet HTML 5Page - ATMEL Corporation AT88SC0404CA-TU Datasheet HTML 6Page - ATMEL Corporation AT88SC0404CA-TU Datasheet HTML 7Page - ATMEL Corporation AT88SC0404CA-TU Datasheet HTML 8Page - ATMEL Corporation AT88SC0404CA-TU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
5203AS–CRYPT–7/08
AT88SC0404CA
Figure 4-1.
Block Diagram
5.
Pin Descriptions
5.1
Supply Voltage (VCC)
The VCC input is a 2.7V to 3.6V positive voltage supplied by the host.
5.2
Clock (SCL/CLK)
When using the asynchronous T = 0 protocol, the CLK (SCL) input provides the device with a
carrier frequency f. The nominal length of one bit emitted on I/O is defined as an “elementary
time unit” (ETU) and is equal to 372/f.
When using the synchronous protocol, data clocking is done on the positive edge of the clock
when writing to the device and on the negative edge of the clock when reading from the device.
5.3
Reset (RST)
The AT88SC0404CA provides an ISO 7816-3 compliant asynchronous Answer-To-Reset (ATR)
sequence. Upon activation of the reset sequence, the device outputs bytes contained in the 64-
bit Answer-To-Reset register. An internal pull-up on the RST input pad allows the device to oper-
ate in synchronous mode without bonding RST. The AT88SC0404CA does not support an
Answer-To-Reset sequence in the synchronous mode of operation.
5.4
Serial Data (SDA/IO)
The SDA/IO pin is bidirectional for serial data transfer. This pin is open-drain driven and may be
wired with any number of other open-drain or open-collector devices. An external pull-up resistor
should be connected between SDA/IO and VCC. The value of this resistor and the system
capacitance loading the SDA/IO bus will determine the rise time of SDA/IO. This rise time will
determine the maximum frequency during read operations. Low value pull-up resistors will allow
higher frequency operations while drawing higher average power supply current. SDA/IO infor-
mation applies to both asynchronous and synchronous protocols.
Random
Generator
Authentication,
Encryption and
Certification Unit
EEPROM
Answer to Reset
Data Transfer
Password
Verification
Reset Block
Asynchronous
ISO Interface
Synchronous
Interface
Power
Management
VCC
GND
SCL/CLK
SDA/IO
RST


Similar Part No. - AT88SC0404CA-TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
1Mb / 58P
   CryptoMemory Specification for Standard Mode of Operation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
664Kb / 66P
   Atmel CryptoMemory Specification Datasheet
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
902Kb / 71P
   Atmel CryptoMemory Low Density Full Specification
More results

Similar Description - AT88SC0404CA-TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
530Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com