Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65ELT20DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65ELT20DR
Description  5-V TTL-to-Differential PECL Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ELT20DR Datasheet(HTML) 3 Page - Texas Instruments

  SN65ELT20DR Datasheet HTML 1Page - Texas Instruments SN65ELT20DR Datasheet HTML 2Page - Texas Instruments SN65ELT20DR Datasheet HTML 3Page - Texas Instruments SN65ELT20DR Datasheet HTML 4Page - Texas Instruments SN65ELT20DR Datasheet HTML 5Page - Texas Instruments SN65ELT20DR Datasheet HTML 6Page - Texas Instruments SN65ELT20DR Datasheet HTML 7Page - Texas Instruments SN65ELT20DR Datasheet HTML 8Page - Texas Instruments SN65ELT20DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PECL DC CHARACTERISTICS
(1) (V
CC = 5 V; GND = 0 V)
(2)
TTL INPUT DC CHARACTERISTICS
(1) (V
CC = 4.2 V to 5.7 V; TA = –40°C to 85°C)
AC CHARACTERISTICS
(1) (V
CC = 4.2 V to 5.7 V; GND = 0 V)
SN65ELT20
www.ti.com............................................................................................................................................................................................ SLLS922 – DECEMBER 2008
–40°C
25°C
85°C
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ICC
Power-supply current
9.6
16
10.1
16
10.7
16
mA
VOH
Output HIGH voltage(3)
3915
3958
4120
3915
3963
4120
3915
3967
4120
mV
VOL
Output LOW voltage (3)
3170
3247
3380
3170
3244
3380
3170
3244
3380
mV
(1)
The device meets these specifications after thermal equilibrium has been established when mounted in a test socket or printed-circuit
board with maintained transverse airflow greater than 500 lfpm (2.54 m/s). Electrical parameters are assured only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and are not valid simultaneously.
(2)
Output parameters vary 1:1 with Vcc.
(3)
Outputs are terminated through a 50-
Ω resistor to VCC – 2 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
VIN = 2.7 V
20
Input HIGH current
µA
IIH
VIN = VCC
20
IIL
Input LOW current
VIN = 0.5 V
–0.6
mA
VIK
Input clamp diode voltage
IIN = –18 mA
–1.2
V
VIH
Input HIGH voltage
2
V
VIL
Input LOW voltage
0.8
V
(1)
The device meets these specifications after thermal equilibrium has been established when mounted in a test socket or printed-circuit
board with maintained transverse airflow greater than 500 lfpm (2.54 m/s). Electrical parameters are assured only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and are not valid simultaneously.
–40°C
25°C
85°C
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fMAX
Maximum switching frequency(2) (See
400
430
430
MHz
Figure 4.)
tPLH
Propagation delay, 1.5 V to 50% (see Figure 2)
0.9
1.25
0.9
1.25
0.9
1.25
ns
tPHL
Propagation delay, 1.5 V to 50% (see Figure 2)
0.7
1.2
0.7
1.2
0.7
1.2
ns
tJITTER
Random clock jitter (RMS)
0.5
0.5
0.5
ps
Q-output rise/fall times (20%–80%) (see
1.5
1
1.5
1
tr/tf
1
1.5
ns
Figure 3)
(1)
The device meets these specifications after thermal equilibrium has been established when mounted in a test socket or printed-circuit
board with maintained transverse airflow greater than 500 lfpm (2.54 m/s). Electrical parameters are assured only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and are not valid simultaneously.
(2)
Maximum switching frequency is measured at an output amplitude of 300 mVPP.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65ELT20


Similar Part No. - SN65ELT20DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ELT20DR TI-SN65ELT20DR Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
More results

Similar Description - SN65ELT20DR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
logo
Texas Instruments
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_2 Datasheet
454Kb / 12P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_1 Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com