Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65EPT22 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EPT22
Description  3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65EPT22 Datasheet(HTML) 1 Page - Texas Instruments

  SN65EPT22 Datasheet HTML 1Page - Texas Instruments SN65EPT22 Datasheet HTML 2Page - Texas Instruments SN65EPT22 Datasheet HTML 3Page - Texas Instruments SN65EPT22 Datasheet HTML 4Page - Texas Instruments SN65EPT22 Datasheet HTML 5Page - Texas Instruments SN65EPT22 Datasheet HTML 6Page - Texas Instruments SN65EPT22 Datasheet HTML 7Page - Texas Instruments SN65EPT22 Datasheet HTML 8Page - Texas Instruments SN65EPT22 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
PINOUT ASSIGNMENT
1
8
2
7
3
6
4
5
Q
0
Q
0
Q
1
Q
1
V
CC
D
0
D
1
GND
LVTTL
LVPECL
SN65EPT22
www.ti.com............................................................................................................................................................................................ SLLS926 – DECEMBER 2008
3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
• Data and Clock Transmission Over Backplane
• Dual 3.3V LVTTL to LVPECL Buffer
• Signaling Level Conversion
• Operating Range
LVPECL VCC = 3.0 V to 3.6 V With
GND = 0 V
The SN65EPT22 is a low power dual LVTTL to
• Support for Clock Frequencies to 2.0 GHz (typ)
LVPECL translator device. The device includes
• 420 ps Typical Propagation Delay
circuitry to maintain known logic HIGH level when
• Deterministic HIGH Output Value for Open
inputs are in open condition. The SN65EPT22 is
Input Conditions
housed in an industry standard SOIC-8 package and
is also available in TSSOP-8 package option.
• Built-in Temperature Compensation
• Drop in Compatible to MC100ELT23
• PNP Single Ended Inputs for Minimal Loading
Table 1. Pin Description
PIN
FUNCTION
D0, D1
LVTTL data inputs
Q0, Q0, Q1, Q1
LVPECL outputs
VCC
Positive supply
GND
Ground
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
LEAD FINISH
SN65EPT22D
SN65EPT22
SOIC
NiPdAu
SN65EPT22DGK
SN65EPT22
SOIC-TSSOP
NiPdAu
(1)
Leaded device options not initially available. Contact sales representative for further details.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65EPT22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT22 TI-SN65EPT22 Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
SN65EPT22D TI-SN65EPT22D Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
SN65EPT22DGK TI-SN65EPT22DGK Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
SN65EPT22DGKR TI-SN65EPT22DGKR Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
SN65EPT22DR TI-SN65EPT22DR Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
More results

Similar Description - SN65EPT22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT22 TI-SN65EPT22_10 Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Texas Instruments
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
[Old version datasheet]   3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com