Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65ELT22 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65ELT22
Description  5-V Dual TTL-to-Differential PECL Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ELT22 Datasheet(HTML) 5 Page - Texas Instruments

  SN65ELT22 Datasheet HTML 1Page - Texas Instruments SN65ELT22 Datasheet HTML 2Page - Texas Instruments SN65ELT22 Datasheet HTML 3Page - Texas Instruments SN65ELT22 Datasheet HTML 4Page - Texas Instruments SN65ELT22 Datasheet HTML 5Page - Texas Instruments SN65ELT22 Datasheet HTML 6Page - Texas Instruments SN65ELT22 Datasheet HTML 7Page - Texas Instruments SN65ELT22 Datasheet HTML 8Page - Texas Instruments SN65ELT22 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Q
O
Q
O
t
PHL0
t
PLH0
Q1
Q1
1.5V
IN
1.5V
t
PLH1
t
PHL1
DeviceSkew=
Higher[(t
-t
),(t
-t
)]
PLH1
PLH0
PLH1
PLH0
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
600
f – Frequency – MHz
V
=4.2V
GND=0V
V
=0.8V–2V
CC
swing
500
T = –40°C
A
T =25°C
A
T =85°C
A
SN65ELT22
www.ti.com............................................................................................................................................................................................ SLLS924 – DECEMBER 2008
Figure 4. Device Skew
Figure 5. Output Amplitude vs. Frequency
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65ELT22


Similar Part No. - SN65ELT22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ELT22 TI-SN65ELT22 Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22 Datasheet
454Kb / 12P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22D TI-SN65ELT22D Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22D TI-SN65ELT22D Datasheet
454Kb / 12P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22DGK TI-SN65ELT22DGK Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
More results

Similar Description - SN65ELT22

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
logo
Texas Instruments
SN65ELT22 TI-SN65ELT22_2 Datasheet
454Kb / 12P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_1 Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
SN65ELT23 TI-SN65ELT23 Datasheet
443Kb / 11P
[Old version datasheet]   5-V Dual Differential PECL Buffer-to-TTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com