Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC12816C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT88SC12816C
Description  CryptoMemory 128 Kbit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC12816C Datasheet(HTML) 4 Page - ATMEL Corporation

  AT88SC12816C Datasheet HTML 1Page - ATMEL Corporation AT88SC12816C Datasheet HTML 2Page - ATMEL Corporation AT88SC12816C Datasheet HTML 3Page - ATMEL Corporation AT88SC12816C Datasheet HTML 4Page - ATMEL Corporation AT88SC12816C Datasheet HTML 5Page - ATMEL Corporation AT88SC12816C Datasheet HTML 6Page - ATMEL Corporation AT88SC12816C Datasheet HTML 7Page - ATMEL Corporation AT88SC12816C Datasheet HTML 8Page - ATMEL Corporation AT88SC12816C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
5016HS–SMEM–11/08
AT88SC12816C
Device
Operation For
Synchronous
Protocols
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device.
Data on the SDA pin may change only during SCL low time periods (see Figure 5 on page 5).
Data changes during SCL high periods will indicate a start or stop condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which
must precede any other command (see Figure 6 on page 6).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a
read sequence, the stop command will place the EEPROM in a standby power mode (see Fig-
ure 6 on page 6).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has received each
word. This happens during the ninth clock cycle.
MEMORY RESET: After an interruption in protocol, power loss or system reset, any 2-wire part
can be reset by following these steps:
1.
Clock up to 9 cycles.
2.
Look for SDA high in each cycle while SCL is high.
3.
Create a start condition.
Table 3. AC Characteristics
Applicable over recommended operating range from VCC = +2.7 to 5.5V,
TAC = -40
oC to +85oC, CL = 30pF (unless otherwise noted)
Symbol
Parameter
Min
Max
Units
f
CLK
Async Clock Frequency (V
CC Range: +4.5 - 5.5V)
1
5
MHz
fCLK
Async Clock Frequency (VCC Range: +2.7 - 3.3V)
1
4
MHz
f
CLK
Synch Clock Frequency
0
1
MHz
Clock Duty cycle
40
60
%
t
R
Rise Time - I/O, RST
1
uS
tF
Fall Time - I/O, RST
1
uS
t
R
Rise Time - CLK
9% x period
uS
tF
Fall Time - CLK
9% x period
uS
tAA
Clock Low to Data Out Valid
35
nS
t
HD.STA
Start Hold Time
200
nS
tSU.STA
Start Set-up Time
200
nS
t
HD.DAT
Data In Hold Time
10
nS
tSU.DAT
Data In Set-up Time
100
nS
t
SU.STO
Stop Set-up Time
200
nS
tDH
Data Out Hold Time
20
nS
t
WR
Write Cycle Time (at 20
⋅C)
5
mS
t
WR
Write Cycle Time (-40o to +85oC)
7
mS


Similar Part No. - AT88SC12816C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C ATMEL-AT88SC12816C Datasheet
1Mb / 58P
   CryptoMemory Specification For Standard Mode of Operation
AT88SC12816C ATMEL-AT88SC12816C Datasheet
194Kb / 21P
   CryptoMemory 128 Kbit
AT88SC12816C-MJ ATMEL-AT88SC12816C-MJ Datasheet
194Kb / 21P
   CryptoMemory 128 Kbit
AT88SC12816C-MJTG ATMEL-AT88SC12816C-MJTG Datasheet
194Kb / 21P
   CryptoMemory 128 Kbit
AT88SC12816C-PU ATMEL-AT88SC12816C-PU Datasheet
194Kb / 21P
   CryptoMemory 128 Kbit
More results

Similar Description - AT88SC12816C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C ATMEL-AT88SC12816C_09 Datasheet
194Kb / 21P
   CryptoMemory 128 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com