Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5160U Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBSS5160U
Description  60 V, 1 A PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5160U Datasheet(HTML) 2 Page - NXP Semiconductors

  PBSS5160U Datasheet HTML 1Page - NXP Semiconductors PBSS5160U Datasheet HTML 2Page - NXP Semiconductors PBSS5160U Datasheet HTML 3Page - NXP Semiconductors PBSS5160U Datasheet HTML 4Page - NXP Semiconductors PBSS5160U Datasheet HTML 5Page - NXP Semiconductors PBSS5160U Datasheet HTML 6Page - NXP Semiconductors PBSS5160U Datasheet HTML 7Page - NXP Semiconductors PBSS5160U Datasheet HTML 8Page - NXP Semiconductors PBSS5160U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PBSS5160U_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 2 October 2008
2 of 14
NXP Semiconductors
PBSS5160U
60 V, 1 A PNP low VCEsat (BISS) transistor
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
base
2
emitter
3
collector
12
3
sym013
3
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PBSS5160U
SC-70
plastic surface-mounted package; 3 leads
SOT323
Table 4.
Marking codes
Type number
Marking code[1]
PBSS5160U
53*
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
−80
V
VCEO
collector-emitter voltage
open base
-
−60
V
VEBO
emitter-base voltage
open collector
-
−5V
IC
collector current
[1] -
−0.7
A
[2] -
−0.86
A
[3] -
−1A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−2A
IB
base current
-
−300
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-
−1A


Similar Part No. - PBSS5160U

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5160U NEXPERIA-PBSS5160U Datasheet
247Kb / 15P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 2 October 2008
logo
NXP Semiconductors
PBSS5160U PHILIPS-PBSS5160U_15 Datasheet
134Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04-2 October 2008
More results

Similar Description - PBSS5160U

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5160QA NEXPERIA-PBSS5160QA Datasheet
743Kb / 17P
   60 V, 1 A PNP low VCEsat (BISS) transistor
23 August 2013
PBSS5160T NEXPERIA-PBSS5160T Datasheet
696Kb / 11P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 15 January 2010
logo
NXP Semiconductors
PBSS5160K NXP-PBSS5160K Datasheet
124Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-6 October 2008
PBSS5160K PHILIPS-PBSS5160K Datasheet
125Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-30 June 2005
logo
Nexperia B.V. All right...
PBSS5160U NEXPERIA-PBSS5160U Datasheet
247Kb / 15P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 2 October 2008
logo
NXP Semiconductors
PBSS5160DS PHILIPS-PBSS5160DS Datasheet
143Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-28 June 2005
PBSS5160V NXP-PBSS5160V Datasheet
153Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
PBSS5160U PHILIPS-PBSS5160U_15 Datasheet
134Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04-2 October 2008
PBSS5160QA NXP-PBSS5160QA Datasheet
264Kb / 17P
   60 V, 1 A PNP low VCEsat (BISS) transistor
23 August 2013
PBSS5160T PHILIPS-PBSS5160T_15 Datasheet
154Kb / 11P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04-15 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com