Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89V660_0811 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P89V660_0811
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V660_0811 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P89V660_0811 Datasheet HTML 65Page - NXP Semiconductors P89V660_0811 Datasheet HTML 66Page - NXP Semiconductors P89V660_0811 Datasheet HTML 67Page - NXP Semiconductors P89V660_0811 Datasheet HTML 68Page - NXP Semiconductors P89V660_0811 Datasheet HTML 69Page - NXP Semiconductors P89V660_0811 Datasheet HTML 70Page - NXP Semiconductors P89V660_0811 Datasheet HTML 71Page - NXP Semiconductors P89V660_0811 Datasheet HTML 72Page - NXP Semiconductors P89V660_0811 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
P89V660_662_664_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 10 November 2008
69 of 89
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
6.13.1 Idle mode
Idle mode is entered setting the IDL bit in the PCON register. In Idle mode, the program
counter is stopped. The system clock continues to run and all interrupts and peripherals
remain active. The on-chip RAM and the special function registers hold their data during
this mode.
The device exits Idle mode through either a system interrupt or a hardware reset. Exiting
Idle mode via system interrupt, the start of the interrupt clears the IDL bit and exits Idle
mode. After exit the Interrupt Service Routine, the interrupted program resumes execution
beginning at the instruction immediately following the instruction which invoked the Idle
mode. A hardware reset starts the device similar to a power-on reset.
6.13.2 Power-down mode
The Power-down mode is entered by setting the PD bit in the PCON register. In the
Power-down mode, the clock is stopped and external interrupts are active for level
sensitive interrupts only. SRAM contents are retained during Power-down, the minimum
VDD level is 2.0 V.
The device exits Power-down mode through either an enabled external level sensitive
interrupt or a hardware reset. The start of the interrupt clears the PD bit and exits
Power-down. Holding the external interrupt pin low restarts the oscillator, the signal must
hold low at least 1024 clock cycles before bringing back high to complete the exit. Upon
interrupt signal restored to logic VIH, the interrupt service routine program execution
resumes beginning at the instruction immediately following the instruction which invoked
Power-down mode. A hardware reset starts the device similar to power-on reset.
To exit properly out of Power-down, the reset or external interrupt should not be executed
before the VDD line is restored to its normal operating voltage. Be sure to hold VDD voltage
long enough at its normal operating level for the oscillator to restart and stabilize (normally
less than 10 ms).
Table 67.
Power-saving modes
Mode
Initiated by
State of MCU
Exited by
Idle mode
Software (Set IDL bit in
PCON) MOV PCON, #01H
CLK is running. Interrupts,
serial port and timers/counters
are active. Program Counter is
stopped. ALE and PSEN
signals at a HIGH-state during
Idle. All registers remain
unchanged.
Enabled interrupt or hardware reset. Start of
interrupt clears IDL bit and exits Idle mode,
after the ISR RETI instruction, program
resumes execution beginning at the
instruction following the one that invoked
Idle mode. A hardware reset restarts the
device similar to a power-on reset.
Power-down
mode
Software (Set PD bit in
PCON) MOV PCON, #02H
CLK is stopped. On-chip SRAM
and SFR data is maintained.
ALE and PSEN signals at a
LOW-state during power-down.
External Interrupts are only
active for level sensitive
interrupts, if enabled.
Enabled external level sensitive interrupt or
hardware reset. Start of interrupt clears PD
bit and exits Power-down mode, after the
ISR RETI instruction program resumes
execution beginning at the instruction
following the one that invoked Power-down
mode. A hardware reset restarts the device
similar to a power-on reset.


Similar Part No. - P89V660_0811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
More results

Similar Description - P89V660_0811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com