Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2468 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC2468
Description  Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2468 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC2468_08 Datasheet HTML 1Page - NXP Semiconductors LPC2468_08 Datasheet HTML 2Page - NXP Semiconductors LPC2468_08 Datasheet HTML 3Page - NXP Semiconductors LPC2468_08 Datasheet HTML 4Page - NXP Semiconductors LPC2468_08 Datasheet HTML 5Page - NXP Semiconductors LPC2468_08 Datasheet HTML 6Page - NXP Semiconductors LPC2468_08 Datasheet HTML 7Page - NXP Semiconductors LPC2468_08 Datasheet HTML 8Page - NXP Semiconductors LPC2468_08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
LPC2468_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 17 October 2008
4 of 72
NXP Semiconductors
LPC2468
Fast communication chip
5.
Block diagram
Fig 1.
LPC2468 block diagram
power domain 2
LPC2468
A[23:0]
D[31:0]
EXTERNAL
MEMORY
CONTROLLER
ALARM
002aac721
PWM0, PWM1
ARM7TDMI-S
PLL
EINT3 to EINT0
FLASH
P3, P4
P0, P1, P2,
LEGACY GPI/O
64 PINS TOTAL
P0, P1
SCK, SCK0
MOSI, MOSI0
SSEL, SSEL1
SCK1
MOSI1
MIS01
SSEL1
SCL0, SCL1, SCL2
I2SRX_CLK
I2STX_CLK
I2SRX_WS
I2STX_WS
8
× AD0
RTCX1
RTCX2
MCICLK, MCIPWR
RXD0, RXD2, RXD3
TXD1
RXD1
RD1, RD2
TD1, TD2
CAN1, CAN2
port1
XTAL1
TCK TDO
EXTIN0
XTAL2
RESET
TRST
TDI
TMS
HIGH-SPEED
GPIO
160 PINS
TOTAL
port2
64 kB
SRAM
512 kB
FLASH
INTERNAL
CONTROLLERS
TEST/DEBUG
INTERFACE
trace signals
AHB
BRIDGE
AHB
BRIDGE
ETHERNET
MAC WITH
DMA
16 kB
SRAM
MASTER
PORT
AHB TO
APB BRIDGE
SLAVE
PORT
system
clock
SYSTEM
FUNCTIONS
INTERNAL RC
OSCILLATOR
VDDA
VDD(3V3)
VDD(DCDC)(3V3)
VDD(1V8)
VREF
VSSA, VSSIO,
VSSCORE
VIC
16 kB
SRAM
USB DEVICE/
HOST/OTG WITH
4 kB RAM AND DMA
GP DMA
CONTROLLER
I2S INTERFACE
SPI, SSP0 INTERFACE
I2SRX_SDA
I2STX_SDA
MISO, MISO0
SSP1 INTERFACE
SD/MMC CARD
INTERFACE
MCICMD,
MCIDAT[3:0]
TXD0, TXD2, TXD3
UART0, UART2, UART3
UART1
DTR1, RTS1
DSR1, CTS1, DCD1,
RI1
I2C0, I2C1, I2C2
SDA0, SDA1, SDA2
EXTERNAL INTERRUPTS
CAPTURE/COMPARE
TIMER0/TIMER1/
TIMER2/TIMER3
A/D CONVERTER
D/A CONVERTER
2 kB BATTERY RAM
RTC
OSCILLATOR
REAL-
TIME
CLOCK
WATCHDOG TIMER
SYSTEM CONTROL
2
× CAP0/CAP1/
CAP2/CAP3
4
× MAT2/MAT3,
2
× MAT0,
3
× MAT1
6
× PWM0/PWM1
1
× PCAP0,
2
× PCAP1
AOUT
VBAT
AHB TO
APB BRIDGE
SRAM
MII/RMII
VBUS
DBGEN
P0, P2
AHB2
AHB1
control lines


Similar Part No. - LPC2468_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2468FBD208 NXP-LPC2468FBD208 Datasheet
1Mb / 67P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev.01.01 26September2007
LPC2468FBD208 NXP-LPC2468FBD208 Datasheet
729Kb / 85P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-6 September 2011
LPC2468FET208 NXP-LPC2468FET208 Datasheet
1Mb / 67P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev.01.01 26September2007
LPC2468FET208 NXP-LPC2468FET208 Datasheet
729Kb / 85P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-6 September 2011
LPC2468 NXP-LPC2468_11 Datasheet
729Kb / 85P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-6 September 2011
More results

Similar Description - LPC2468_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2458 NXP-LPC2458_11 Datasheet
652Kb / 80P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 4-1 September 2011
LPC2468 NXP-LPC2468_11 Datasheet
729Kb / 85P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-6 September 2011
LPC2468 NXP-LPC2468 Datasheet
1Mb / 67P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev.01.01 26September2007
LPC2458 NXP-LPC2458_V01 Datasheet
2Mb / 81P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 4.2-15 October 2020
LPC2458 NXP-LPC2458 Datasheet
313Kb / 67P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-25 November 2008
LPC2468 PHILIPS-LPC2468_15 Datasheet
490Kb / 85P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.2-11 January 2013
LPC2460 PHILIPS-LPC2460_08 Datasheet
363Kb / 68P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-1 February 2008
LPC2460 PHILIPS-LPC2460 Datasheet
1Mb / 67P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2478 NXP-LPC2478 Datasheet
2Mb / 76P
   Single-chip 16-bit/32-bit micro; 512 kB flash, ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 01 - 6 July 2007
LPC2478 NXP-LPC2478_08 Datasheet
443Kb / 78P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 01-11 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com