Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1691 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 7Page - Texas Instruments PCM1691 Datasheet HTML 8Page - Texas Instruments PCM1691 Datasheet HTML 9Page - Texas Instruments PCM1691 Datasheet HTML 10Page - Texas Instruments PCM1691 Datasheet HTML 11Page - Texas Instruments PCM1691 Datasheet HTML 12Page - Texas Instruments PCM1691 Datasheet HTML 13Page - Texas Instruments PCM1691 Datasheet HTML 14Page - Texas Instruments PCM1691 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
TYPICAL CHARACTERISTICS: Dynamic Performance
-90
-92
-94
-96
-98
-100
-102
Temperature( C)
°
-40
-15
85
60
35
10
116
114
112
110
108
106
104
Temperature( C)
°
-40
-15
85
60
35
10
DynamicRange
SNR
-90
-92
-94
-96
-98
-100
-102
SupplyVoltage(V)
4.50
4.75
5.00
5.25
5.50
116
114
112
110
108
106
104
SupplyVoltage(V)
4.50
4.75
5.00
5.25
5.50
DynamicRange
SNR
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
All specifications at TA = +25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
mode = Auto, unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs TEMPERATURE
vs TEMPERATURE
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 13.
Figure 14.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PCM1691


Similar Part No. - PCM1691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1690 TI-PCM1690 Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690 TI1-PCM1690 Datasheet
1Mb / 48P
[Old version datasheet]   Eight-Channel Audio Digital-to-Analog Converter
PCM1690-Q1 TI1-PCM1690-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690DCA TI-PCM1690DCA Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690DCA TI1-PCM1690DCA Datasheet
1Mb / 48P
[Old version datasheet]   Eight-Channel Audio Digital-to-Analog Converter
More results

Similar Description - PCM1691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1690-Q1 TI1-PCM1690-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690 TI-PCM1690 Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690 TI-PCM1690_15 Datasheet
1Mb / 48P
[Old version datasheet]   PCM1690 24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1789 TI-PCM1789 Datasheet
1Mb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PCM1789-Q1 TI1-PCM1789-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇, Stereo, Audio Digital-to-Analog Converter
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681_15 Datasheet
1Mb / 44P
[Old version datasheet]   PCM1681 24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma,Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com