Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1505C Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ISP1505C
Description  ULPI Hi-Speed USB host and peripheral transceiver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1505C Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ISP1505C Datasheet HTML 5Page - NXP Semiconductors ISP1505C Datasheet HTML 6Page - NXP Semiconductors ISP1505C Datasheet HTML 7Page - NXP Semiconductors ISP1505C Datasheet HTML 8Page - NXP Semiconductors ISP1505C Datasheet HTML 9Page - NXP Semiconductors ISP1505C Datasheet HTML 10Page - NXP Semiconductors ISP1505C Datasheet HTML 11Page - NXP Semiconductors ISP1505C Datasheet HTML 12Page - NXP Semiconductors ISP1505C Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
ISP1505A_ISP1505C_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 26 August 2008
8 of 75
NXP Semiconductors
ISP1505A; ISP1505C
ULPI HS USB host and peripheral transceiver
High-speed disconnect detector
45
Ω high-speed bus terminations on DP and DM for peripheral and host modes
1.5 k
Ω pull-up resistor on DP for full-speed peripheral mode
15 k
Ω bus terminations on DP and DM for host and OTG modes
For details on controlling resistor settings, see Table 7.
7.4 Voltage regulator
The ISP1505 contains a built-in voltage regulator that conditions the VCC supply for use
inside the ISP1505. The voltage regulator:
Supports input supply range of 3.0V<VCC < 3.6 V
Supplies internal circuitry with 1.8 V and 3.3 V
Remark: The REG1V8 and REG3V3 pins require external decoupling capacitors. For
details, see Section 16.
7.5 Crystal oscillator and PLL
The ISP1505 has a built-in crystal oscillator and a Phase-Locked Loop (PLL) for clock
generation.
The crystal oscillator takes a sine-wave input from an external crystal on the XTAL1 pin,
and converts it to a square wave clock for internal use. Alternatively, a square wave clock
of the same frequency can also be directly driven into the XTAL1 pin. Using an existing
square wave clock can save the cost of the crystal and also reduce the board size.
The PLL takes the square wave clock from the crystal oscillator, and multiplies or divides it
into various frequencies for internal use.
The PLL produces the following frequencies, irrespective of the clock source:
60 MHz clock for the ULPI interface controller
1.5 MHz for the low-speed USB data
12 MHz for the full-speed USB data
480 MHz for the high-speed USB data
Other internal frequencies for data conversion and data recovery
7.6 VBUS comparators
The ISP1505 provides three comparators, VBUS valid comparator, session valid
comparator and session end comparator, to detect the VBUS voltage level.
7.6.1 VBUS valid comparator
This comparator is used by hosts and A-devices to determine whether the voltage on
VBUS is at a valid level for operation. The ISP1505 minimum threshold for the VBUS valid
comparator is VA_VBUS_VLD. Any voltage on VBUS below VA_VBUS_VLD is considered a fault.
During power-up, it is expected that the comparator output will be ignored.


Similar Part No. - ISP1505C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISP1504 ETC2-ISP1504 Datasheet
906Kb / 3P
   Ultra-low-power transceiver solutions for mobile and portable applications
logo
NXP Semiconductors
ISP1504A PHILIPS-ISP1504A Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
ISP1504A1ET NXP-ISP1504A1ET Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1504ABS PHILIPS-ISP1504ABS Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
More results

Similar Description - ISP1505C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Microchip Technology
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
SMSC Corporation
USB332X SMSC-USB332X Datasheet
247Kb / 10P
   Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
PLX Technology
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
   Local bus to Hi-Speed USB Host, Peripheral/OTG controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com