Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1690DCAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1690DCAR
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1690DCAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1690DCAR Datasheet HTML 3Page - Texas Instruments PCM1690DCAR Datasheet HTML 4Page - Texas Instruments PCM1690DCAR Datasheet HTML 5Page - Texas Instruments PCM1690DCAR Datasheet HTML 6Page - Texas Instruments PCM1690DCAR Datasheet HTML 7Page - Texas Instruments PCM1690DCAR Datasheet HTML 8Page - Texas Instruments PCM1690DCAR Datasheet HTML 9Page - Texas Instruments PCM1690DCAR Datasheet HTML 10Page - Texas Instruments PCM1690DCAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
PCM1690
www.ti.com.............................................................................................................................................................................................. SBAS448 – OCTOBER 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
PULL-
5-V
NAME
PIN
I/O
DOWN
TOLERANT
DESCRIPTION
VDD
12
Digital power supply, +3.3 V
DGND
13
Digital ground
SCKI
14
I
No
Yes
System clock input
RST
15
I
Yes
Yes
Reset and power-down control input with active low
ZERO1
16
O
No
No
Zero detect flag output 1
ZERO2
17
O
No
No
Zero detect flag output 2
AMUTEI
18
I
No
Yes
Analog mute control input with active low
AMUTEO
19
O
No
Yes
Analog mute status output(1) with active low
Input data for SPI, data for I2C(1), de-emphasis control for hardware
MD/SDA/DEMP
20
I/O
No
Yes
control mode
MC/SCL/FMT
21
I
No
Yes
Clock for SPI, clock for I2C, format select for hardware control mode
Chip Select for SPI, address select 0 for I2C, reserve (set low) for
MS/ADR0/RSV
22
I
Yes
Yes
hardware control mode
Test (factory use, left open) for SPI, address select 1 for I2C,
TEST/ADR1/RSV
23
I/O
No
Yes
reserve (set low) for hardware control mode
Control port mode selection. Tied to VDD: SPI, left open: H/W
MODE
24
I
No
No
mode, tied to DGND: I2C
VCC1
25
Analog power supply 1, +5 V
VCOM
26
Voltage common decoupling
AGND1
27
Analog ground 1
RSV2
28
Reserved, tied to analog ground
VOUT8+
29
O
No
No
Positive analog output from DAC8
VOUT8-
30
O
No
No
Negative analog output from DAC8
VOUT7+
31
O
No
No
Positive analog output from DAC7
VOUT7-
32
O
No
No
Negative analog output from DAC7
VOUT6+
33
O
No
No
Positive analog output from DAC6
VOUT6-
34
O
No
No
Negative analog output from DAC6
VOUT5+
35
O
No
No
Positive analog output from DAC5
VOUT5-
36
O
No
No
Negative analog output from DAC5
VOUT4+
37
O
No
No
Positive analog output from DAC4
VOUT4-
38
O
No
No
Negative analog output from DAC4
VOUT3+
39
O
No
No
Positive analog output from DAC3
VOUT3-
40
O
No
No
Negative analog output from DAC3
VOUT2+
41
O
No
No
Positive analog output from DAC2
VOUT2-
42
O
No
No
Negative analog output from DAC2
VOUT1+
43
O
No
No
Positive analog output from DAC1
VOUT1-
44
O
No
No
Negative analog output from DAC1
RSV2
45
Reserved, tied to analog ground
AGND2
46
Analog ground 2
VCC2
47
Analog power supply 2, +5 V
RSV2
48
Reserved, tied to analog ground
(1)
Open-drain configuration in out mode.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM1690


Similar Part No. - PCM1690DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1690DCAR TI1-PCM1690DCAR Datasheet
1Mb / 48P
[Old version datasheet]   Eight-Channel Audio Digital-to-Analog Converter
More results

Similar Description - PCM1690DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1691 TI-PCM1691 Datasheet
1Mb / 47P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PCM1690-Q1 TI1-PCM1690-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690 TI-PCM1690_15 Datasheet
1Mb / 48P
[Old version datasheet]   PCM1690 24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1789 TI-PCM1789 Datasheet
1Mb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PCM1789-Q1 TI1-PCM1789-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇, Stereo, Audio Digital-to-Analog Converter
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681_15 Datasheet
1Mb / 44P
[Old version datasheet]   PCM1681 24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma,Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com