Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1201D125 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # DAC1201D125
Description  Dual 12-bit DAC, up to 125 Msps
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1201D125 Datasheet(HTML) 5 Page - NXP Semiconductors

  DAC1201D125 Datasheet HTML 1Page - NXP Semiconductors DAC1201D125 Datasheet HTML 2Page - NXP Semiconductors DAC1201D125 Datasheet HTML 3Page - NXP Semiconductors DAC1201D125 Datasheet HTML 4Page - NXP Semiconductors DAC1201D125 Datasheet HTML 5Page - NXP Semiconductors DAC1201D125 Datasheet HTML 6Page - NXP Semiconductors DAC1201D125 Datasheet HTML 7Page - NXP Semiconductors DAC1201D125 Datasheet HTML 8Page - NXP Semiconductors DAC1201D125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DAC1201D125_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 27 November 2008
5 of 26
NXP Semiconductors
DAC1201D125
Dual 12-bit DAC, up to 125 Msps
7.
Limiting values
[1]
All supplies are connected together.
8.
Thermal characteristics
9.
Characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDD
digital supply voltage
[1]
−0.3
+5.0
V
VDDA
analog supply voltage
[1]
−0.3
+5.0
V
∆VDD
supply voltage difference
between analog and digital supply voltage
−150
+150
mV
VI
input voltage
digital inputs referenced to DGND
−0.3
+5.5
V
pins REFIO, AVIRES, BVIRES
referenced to AGND
−0.3
+5.5
V
VO
output voltage
pins IOUTAP, IOUTAN, IOUTBP and IOUTBN
referenced to AGND
−0.3
VDDA + 0.3 V
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
125
°C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
89.3
K/W
Rth(c-a)
thermal resistance from case to ambient
in free air
60.6
K/W
Table 5.
Characteristics
VDDD = VDDA = 3.3 V; AGND and DGND connected together; IO(fs) = 20 mA and Tamb = −40 °C to +85 °C; typical values
measured at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDD
digital supply voltage
3.0
3.3
3.65
V
VDDA
analog supply voltage
3.0
3.3
3.65
V
IDDD
digital supply current
fs = 65 Msps, fo = 1 MHz,
VDD = 3.0 V to 3.6 V
-6
7
mA
IDDA
analog supply current
fs = 65 Msps, fo = 1 MHz,
VDD = 3.0 V to 3.6 V
-50
65
mA
Ptot
total power dissipation
fs = 65 Msps, fo = 1 MHz,
VDD = 3.0 V to 3.6 V
-
185
260
mW
Ppd
power dissipation in
power-down mode
-
16.5
-
mW


Similar Part No. - DAC1201D125

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1201D125HL IDT-DAC1201D125HL Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125HL RENESAS-DAC1201D125HL Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
More results

Similar Description - DAC1201D125

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com