Electronic Components Datasheet Search |
|
F514650AB5B Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG |
|
F514650AB5B Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG |
3 / 4 page www.baumerivo.com Totalizers electromechanic 3 www.baumerivo.com www.baumerivo.com F 504, F 514, F 518, F 524 Impulse counters, front panel mount Display 6- or 8-digits, with/without reset button Part number F 504. Display B 6-digits 999 999 C 8-digits 99 999 999 Voltage 3 24 VDC 5 24 VAC 8 110 VAC 9 230 VAC Reset / E-connection 640DA With reset key / standard connection 650DA With reset button / standard connection 800FA Without reset / standard connection 659DB With reset button / “H”-type connection 809FB Without reset / “H”-type connection F 514. B Display B 6-digits 999 999 Voltage / connection A3 24 VDC / Standard connection A5 24 VAC / Standard connection A8 110 VAC / Standard connection A9 230 VAC / Standard connection B3 24 VDC / “H”-type connection B5 24 VAC / “H”-type connection B8 110 VAC / “H”-type connection B9 230 VAC / “H”-type connection Reset 600B Without reset button 640A With detachable key 650A With reset button F 518. Display B 6-digits 999 999 C 8-digits 99 999 999 Voltage / connection A3 24 VDC / Standard connection A5 24 VAC / Standard connection A8 110 VAC / Standard connection A9 230 VAC / Standard connection B3 24 VDC / “H”-type connection B5 24 VAC / “H”-type connection B8 110 VAC / “H”-type connection B9 230 VAC / “H”-type connection Reset 600B Without reset button, 6-digits 640A With detachable key, 6-digits 650A With reset button, 6-digits 800C Without reset button, 8-digits F 524. Display B 6-digits 999 999 C 8-digits 99 999 999 Voltage / connection A3 24 VDC / Standard connection A5 24 VAC / Standard connection A8 110 VAC / Standard connection A9 230 VAC / Standard connection B3 24 VDC / “H”-type connection B5 24 VAC / “H”-type connection B8 110 VAC / “H”-type connection B9 230 VAC / “H”-type connection Reset 640D With detachable key, 6-digits 650D With reset button, 6-digits 600E Without reset button, 6-digits 800F Without reset button, 8-digits Socket box Front panel with screw mount Front panel with screw mount Front panel with spring clips mount |
Similar Part No. - F514650AB5B |
|
Similar Description - F514650AB5B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |