Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0808S250 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # ADC0808S250
Description  Single 8-bit ADC, up to 125 MHz or 250 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0808S250 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ADC0808S250 Datasheet HTML 6Page - NXP Semiconductors ADC0808S250 Datasheet HTML 7Page - NXP Semiconductors ADC0808S250 Datasheet HTML 8Page - NXP Semiconductors ADC0808S250 Datasheet HTML 9Page - NXP Semiconductors ADC0808S250 Datasheet HTML 10Page - NXP Semiconductors ADC0808S250 Datasheet HTML 11Page - NXP Semiconductors ADC0808S250 Datasheet HTML 12Page - NXP Semiconductors ADC0808S250 Datasheet HTML 13Page - NXP Semiconductors ADC0808S250 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADC0808S125_ADC0808S250_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 7 October 2008
10 of 23
NXP Semiconductors
ADC0808S125/250
Single 8-bit ADC, up to 125 MHz or 250 MHz
8.
Limiting values
9.
Thermal characteristics
[1]
In compliance with JEDEC test board, in free air.
10. Static characteristics
Table 10.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
analog supply voltage
−0.5
+4.6
V
VCCD
digital supply voltage
−0.5
+2.5
V
VCCO
output supply voltage
−0.5
+2.5
V
Vi(IN)
input voltage on pin IN
referenced to AGND
−0.5
VCCA +1
V
Vi(INN)
input voltage on pin INN
referenced to AGND
−0.5
VCCA +1
V
Vi(CLK)
input voltage on pin CLK
referenced to DGND
−0.5
VCCD + 0.55 V
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
150
°C
Table 11.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 36.2
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 14.3
K/W
Table 12.
Static characteristics
VCCA = 3.0 V to 3.6 V; VCCD = 1.65 V to 1.95 V; VCCO = 1.65 V to 1.95 V; pins AGND1, AGND2 and DGND1 shorted together;
Tamb = −40 °C to +85 °C; Vi(IN) − Vi(INN) = 2.0 V − 0.5 dB; VI(cm) = 0.95 V; VFSIN = 0 V; typical values are measured at
VCCA = 3.3 V, VCCD =VCCO = 1.8 V, Tamb =25 °C and CL = 10 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCCA
analog supply voltage
3.0
3.3
3.6
V
VCCD
digital supply voltage
1.65
1.80
1.95
V
VCCO
output supply voltage
1.65
1.80
1.95
V
ICCA
analog supply current
fclk = 125 MHz; fi = 1.25 MHz
-
60
-
mA
ICCD
digital supply current
fclk = 125 MHz; fi = 1.25 MHz
-
12
-
mA
ICCO
output supply current
fclk = 125 MHz; fi = 1.25 MHz
-
11
-
mA
Ptot
total power dissipation
fclk = 125 MHz; fi = 1.25 MHz
-
240
-
mW
Clock inputs: pins CLK+ and CLK
Ri
input resistance
[1] -10
-
k
Ci
input capacitance
[1] -1
-
pF
LVDS clock input; see Figure 3
∆VI
input voltage range
VI on pin CLK+ or CLK−;
|Vgpd|<50mV
[2] 825
-
1575
mV


Similar Part No. - ADC0808S250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0808S250 PHILIPS-ADC0808S250 Datasheet
121Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S250 NXP-ADC0808S250 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
Integrated Device Techn...
ADC0808S250 IDT-ADC0808S250 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
ADC0808S250HW-C1 IDT-ADC0808S250HW-C1 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S250HW/C1 NXP-ADC0808S250HW/C1 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
More results

Similar Description - ADC0808S250

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC0808S125 IDT-ADC0808S125 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S125 PHILIPS-ADC0808S125 Datasheet
121Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125_09 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
Renesas Technology Corp
ADC0808S RENESAS-ADC0808S Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com