Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH244ABQ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVTH244ABQ
Description  3.3 V octal buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH244ABQ Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVTH244ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVTH244ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVTH244ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVTH244ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVTH244ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVTH244ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVTH244ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVTH244ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVTH244ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LVT_LVTH244A_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 September 2008
5 of 15
NXP Semiconductors
74LVT244A; 74LVTH244A
3.3 V octal buffer/line driver; 3-state
9.
Static characteristics
IOL
LOW-level output current
none
-
-
32
mA
current duty cycle
≤ 50 %; fi ≥ 1 kHz
-
-
64
mA
Tamb
ambient temperature
in free-air
−40
-
+85
°C
∆t/∆V
input transition rise and fall rate
outputs enabled
-
-
10
ns/V
Table 5.
Operating conditions …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
VIK
input clamping voltage
VCC = 2.7 V; IIK = −18 mA
−1.2
−0.9
-
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
VOH
HIGH-level output voltage
VCC = 2.7 V to 3.6 V; IOH = −100 µAVCC − 0.2 VCC − 0.1
-
V
VCC = 2.7 V to 3.6 V; IOH = −8 mA
2.4
2.5
-
V
VCC = 3.0 V; IOH = −32 mA
2.0
2.2
-
V
VOL
LOW-level output voltage
VCC = 2.7 V; IOL = 100 µA
-
0.1
0.2
V
VCC = 2.7 V; IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V; IOL = 16 mA
-
0.25
0.4
V
VCC = 3.0 V; IOL = 32 mA
-
0.3
0.5
V
VCC = 3.0 V; IOL = 64 mA
-
0.4
0.55
V
II
input leakage current
all input pins
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.1
10
µA
control pins
VCC = 3.6 V; VI =VCC or GND
-
±0.1
±1
µA
data pins
[2]
VCC = 3.6 V; VI =VCC
-
0.1
1
µA
VCC = 3.6 V; VI =0V
−5
−1
−µA
IOFF
power-off leakage current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
1
±100 µA
IBHL
bus hold LOW current
VCC = 3 V; VI = 0.8 V
[3]
75
150
-
µA
IBHH
bus hold HIGH current
VCC = 3 V; VI = 2.0 V
−−150
−75
µA
IBHLO
bus hold LOW
overdrive current
nAn input;
VCC = 0 V to 3.6 V; VI = 3.6 V
500
-
-
µA
IBHHO
bus hold HIGH
overdrive current
nAn input;
VCC = 0 V to 3.6 V; VI = 3.6 V
--
−500 µA
ILO
output leakage current
nYn output in HIGH-state when
VO >VCC; VO = 5.5 V; VCC = 3.0 V
-
60
125
µA
IO(pu/pd)
power-up/power-down
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC; nOE = don’t care
[4]
-
±1
±100 µA


Similar Part No. - 74LVTH244ABQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVTH244ABQ NEXPERIA-74LVTH244ABQ Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVTH244ABQ-Q100 NEXPERIA-74LVTH244ABQ-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
More results

Similar Description - 74LVTH244ABQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVT241 PHILIPS-74LVT241_15 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT241 NXP-74LVT241 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
74LVT_LVTH244B PHILIPS-74LVT_LVTH244B_15 Datasheet
96Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-3 March 2006
logo
Nexperia B.V. All right...
74LVTH244B NEXPERIA-74LVTH244B Datasheet
235Kb / 12P
   3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com