Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT573BQ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVT573BQ
Description  3.3 V octal D-type transparent latch; (3-state)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT573BQ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT573BQ Datasheet HTML 2Page - NXP Semiconductors 74LVT573BQ Datasheet HTML 3Page - NXP Semiconductors 74LVT573BQ Datasheet HTML 4Page - NXP Semiconductors 74LVT573BQ Datasheet HTML 5Page - NXP Semiconductors 74LVT573BQ Datasheet HTML 6Page - NXP Semiconductors 74LVT573BQ Datasheet HTML 7Page - NXP Semiconductors 74LVT573BQ Datasheet HTML 8Page - NXP Semiconductors 74LVT573BQ Datasheet HTML 9Page - NXP Semiconductors 74LVT573BQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74LVT573_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 15 September 2008
6 of 16
NXP Semiconductors
74LVT573
3.3 V octal D-type transparent latch; (3-state)
[1]
Typical values are measured at VCC = 3.3 V and Tamb =25 °C.
[2]
For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
[3]
Unused pins at VCC or GND.
[4]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[5]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 V to VCC = 3.3 V ± 0.3 V
a transition time of 100
µs is permitted. This parameter is valid for T
amb =25 °C only.
[6]
ICC is measured with outputs pulled to VCC or GND.
[7]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
II
input leakage current
all input pins;
VCC = 0 V or 3.6 V; VI = 5.5 V
-
1
10
µA
control pins;
VCC = 3.6 V; VCC or GND
-
±0.1
±1
µA
data pins
VCC = 3.6 V; VI =VCC
[3]
-
0.1
1
µA
VCC = 3.6 V; VI =0V
−5
−1-
µA
IOFF
power-off leakage current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
1
±100 µA
IBHL
bus hold LOW current
Dn input; VCC = 3 V; VI = 0.8 V
[4]
75
150
-
µA
IBHH
bus hold HIGH current
Dn input; VCC = 3 V; VI = 2.0 V
-
−150
−75
µA
IBHHO
bus hold HIGH overdrive current
Dn input; VCC = 0 V to 3.6 V
[4]
-
-
500
µA
IBHLO
bus hold LOW overdrive current
Dn input; VI = 3.6 V
−500
-
-
µA
ILO
output leakage current
Qn output HIGH when
VO = 5.5 V and VCC = 3.0 V
-
60
125
µA
IO(pu/pd)
power-up/power-down
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC; OE = don’t care
[5]
-1
±100 µA
IOZ
OFF-state output current
VCC = 3.6 V; VI =VIH or VIL
output HIGH: VO = 3.0 V
-
1
5
µA
output LOW: VO = 0.5 V
−5
−1-
µA
ICC
supply current
VCC = 3.6 V; VI = GND or VCC;
IO =0A
outputs HIGH
-
0.13
0.19
mA
outputs LOW
-
3
12
mA
outputs disabled
[6]
-
0.13
0.19
mA
∆ICC
additional supply current
per input pin; VCC = 3 V to 3.6 V;
one input at VCC − 0.6 V and other
inputs at VCC or GND
[7]
-
0.1
0.2
mA
CI
input capacitance
VI = 0 V or 3.0 V
-
4
-
pF
CO
output capacitance
outputs disabled; VO =0 Vor3.0 V
-
8
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = −40 °C to +85 °C
Unit
Min
Typ[1]
Max


Similar Part No. - 74LVT573BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT573BQ NEXPERIA-74LVT573BQ Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
More results

Similar Description - 74LVT573BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573_15 Datasheet
323Kb / 17P
   3.3 V octal D-type transparent latch; 3-state
Rev. 8-22 November 2011
logo
Nexperia B.V. All right...
74LVT573 NEXPERIA-74LVT573 Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
Texas Instruments
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com