Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCI0K.0101200 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GCI0K.0101200
Description  Special Encoders & Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GCI0K.0101200 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GCI0K.0101200 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GCI0K.0101200 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GCI0K.0101200 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GCI0K.0101200 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG GCI0K.0101200 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG GCI0K.0101200 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.baumerivo.com

GCI0K
Special Encoders & Sensors
Magnetic field sensor with pole wheel
Rotary applications
Features
Magnetic field sensor rotary
Touchless sensing of angle
Resolution up to 4096 steps with 64 poles
Magnetic ring / 16 times interpolation and external
4 times edge evaluation
Max. rotation speed 20000 rpm
Sensor assembly free from any shaft vibrations
Technical data
Sensor
GCI0K.0211200
GCI0K.0311200
GCI0K.0411200
3 channels
3 channels
3 channels
RS422
Push-pull
RS422
Supply voltage range
5 VDC ±5 %
8...30 VDC
5 VDC ±5 %
Consumption max.
30 mA
30 mA
20 mA
Circuit current max.
RS422 specific
50 mA
RS422 specific
Output frequency max.
60 kHz
3.2 MHz
3.2 MHz
Voltage drops
RS422 specific
<4 VDC (I
OUT=20 mA)
RS422 specific
Output levels
TTL (RS422)
Push-pull
TTL (RS422)
Output signal, 90° shift
A/B/N +inv.
A/B/N
A/B/N +inv.
Shot-circuit protected
Yes
Yes
Yes
Reverse polarity protected
No
Yes
No
Interpolation
0 times
6 times
6 times
Operating gap max.
0.5 mm
0.5 mm
0.5 mm
Temperature range
-25...+85 °C
-25...+85 °C
-25...+85 °C
Materials
Housing: PC
Housing: PC
Housing: PC
Protection
IP 67
IP 67
IP 67
Accuracy
±0.5°
±0.5°
±0.5°
Connection cable PUR
8 x 0.25 mm2, 2 m
5 x 0.4 mm2, 2 m
8 x 0.4 mm2, 2 m
Resolution: Interpolation factor x pole number of magnetic ring
Other options upon request!


Similar Part No. - GCI0K.0101200

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GCI0L.0220201 IVO-GCI0L.0220201 Datasheet
250Kb / 4P
   Special Encoders & Sensors
GCI0L.0220202 IVO-GCI0L.0220202 Datasheet
250Kb / 4P
   Special Encoders & Sensors
GCI0L.0600201 IVO-GCI0L.0600201 Datasheet
250Kb / 4P
   Special Encoders & Sensors
GCI0L.0600202 IVO-GCI0L.0600202 Datasheet
250Kb / 4P
   Special Encoders & Sensors
More results

Similar Description - GCI0K.0101200

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
logo
ASM GmbH
PRAS1 ASM-SENSOR-PRAS1 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-S10 OMRON-E3C-S10 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
logo
Vishay Siliconix
NTCLP100E3103H VISHAY-NTCLP100E3103H Datasheet
95Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 03-May-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com