Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT273DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVT273DB
Description  3.3 V octal D-type flip-flop
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT273DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT273DB Datasheet HTML 2Page - NXP Semiconductors 74LVT273DB Datasheet HTML 3Page - NXP Semiconductors 74LVT273DB Datasheet HTML 4Page - NXP Semiconductors 74LVT273DB Datasheet HTML 5Page - NXP Semiconductors 74LVT273DB Datasheet HTML 6Page - NXP Semiconductors 74LVT273DB Datasheet HTML 7Page - NXP Semiconductors 74LVT273DB Datasheet HTML 8Page - NXP Semiconductors 74LVT273DB Datasheet HTML 9Page - NXP Semiconductors 74LVT273DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVT273_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2008
6 of 17
NXP Semiconductors
74LVT273
3.3 V octal D-type flip-flop
9.
Static characteristics
IOL
LOW-level output current
-
-
64
mA
Tamb
ambient temperature
in free air
−40
-
+85
°C
∆t/∆V
input transition rise and fall rate;
output enabled
-
-
10
ns/V
Table 5.
Recommended operating conditions …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
VIK
input clamping voltage
VCC = 2.7V; IIK = –18 mA
−1.2
−0.9
-
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
VOH
HIGH-level output voltage
VCC = 2.7 V to 3.6V; IOH = −100 µAVCC − 0.2 VCC − 0.1
-
V
VCC = 2.7 V; IOH = −8 mA
2.4
2.5
-
V
VCC = 3.0 V; IOH = −32 mA
2.0
2.2
-
V
VOL
LOW-level output voltage
VCC = 2.7 V; IOL = 100 µA
0.1
0.2
V
VCC = 2.7 V; IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V; IOL = 16 mA
-
0.25
0.4
V
VCC = 3.0 V; IOL = 32 mA
-
0.3
0.5
V
VCC = 3.0 V; IOL = 64 mA
-
0.4
0.55
V
VOL(pu)
power-up LOW-level
output voltage
VCC = 3.6 V; IO = 1 mA; VI = GND or VCC
[2]
-
0.13
0.55
V
II
input leakage current
input pins
VCC = 0 V or 3.6 V; VI = 5.5 V
-
1
10
µA
control pins
VCC = 3.6 V; VI =VCC or GND
-
±0.1
±1
µA
data pins
[3]
VCC = 3.6 V; VI =VCC
-
0.1
1
µA
VCC = 3.6 V; VI =0V
−5
−1
−µA
IOFF
power-off leakage current
VCC = 0 V; VI or VO =0Vto4.5 V
-
1
±100 µA
ILO
output leakage current
VCC = 3.0 V; VO = 5.5 V; output HIGH
-
60
125
µA
IBHL
bus hold LOW current
VCC = 3.0 V; VI = 0.8 V
[4]
75
150
-
µA
IBHH
bus hold HIGH current
VCC = 3.0 V; VI = 2.0 V
-
−150
−75
µA
IBHHO
bus hold HIGH overdrive
current
VCC = 3.6 V; VI = 0 V to 3.6 V
-
-
500
µA
IBHLO
bus hold LOW overdrive
current
VCC = 3.6 V; VI = 0 V to 3.6 V
−500
-
-
µA


Similar Part No. - 74LVT273DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT273DB PHILIPS-74LVT273DB Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
More results

Similar Description - 74LVT273DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH574 NXP-74LVTH574 Datasheet
108Kb / 16P
   3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
logo
Texas Instruments
SN74LVTH273-EP TI1-SN74LVTH273-EP Datasheet
435Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com