Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT273 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVT273
Description  3.3 V octal D-type flip-flop
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT273 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT273 Datasheet HTML 5Page - NXP Semiconductors 74LVT273 Datasheet HTML 6Page - NXP Semiconductors 74LVT273 Datasheet HTML 7Page - NXP Semiconductors 74LVT273 Datasheet HTML 8Page - NXP Semiconductors 74LVT273 Datasheet HTML 9Page - NXP Semiconductors 74LVT273 Datasheet HTML 10Page - NXP Semiconductors 74LVT273 Datasheet HTML 11Page - NXP Semiconductors 74LVT273 Datasheet HTML 12Page - NXP Semiconductors 74LVT273 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74LVT273_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2008
9 of 17
NXP Semiconductors
74LVT273
3.3 V octal D-type flip-flop
see Table 8 for measurement points.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
MR pulse width, MR to CP recovery time and MR to Qn delay
001aai740
MR input
CP input
Qn output
tPHL
tWL
trec
VM
VI
GND
VI
VOL
GND
VM
VM
VOH
see Table 8 for measurement points.
VOL and VOH are typical output voltage levels that occur with the output load.
The shaded areas indicate when the input is permitted to change for predicable output performance.
Fig 8.
Data set-up and hold times
001aai741
GND
GND
th(H)
tsu(H)
th(L)
tsu(L)
VM
VM
VM
VI
VOH
VOL
VI
Qn output
CP input
Dn input


Similar Part No. - 74LVT273

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
74LVT273D PHILIPS-74LVT273D Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
74LVT273DB PHILIPS-74LVT273DB Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
74LVT273PW PHILIPS-74LVT273PW Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
74LVT273PWDH PHILIPS-74LVT273PWDH Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
More results

Similar Description - 74LVT273

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH574 NXP-74LVTH574 Datasheet
108Kb / 16P
   3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
logo
Texas Instruments
SN74LVTH273-EP TI1-SN74LVTH273-EP Datasheet
435Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com