Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G080 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # G080
Description  Special Encoders & Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G080 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  G080 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G080 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Special Encoders & Sensors
www.baumerivo.com
2
G 080
Part number
G 080.0
Pulse per rotation
10A101
1 rev. = 1 impulse
contact cams impulse/interval 1:1
10A202
1 rev. = 2 impulses
contact cams of several parts
10A205
1 rev. = 5 impulses
contact cams of several parts
20A110
2 rev. = 1 impulse
contact cams impulse/interval 1:1
20A113
5 rev. = 1 impulse
contact cams impulse/interval 1:1
Contact encoder, surface mount housing
Impulse ratio 1 rev. = 15 impulses up to 5 rev. = 1 impulse
Supplied with PG9 gland and 0.3 m cable 2 x 1 mm.
G 080 is a mechanically-operated encoder providing a
surface mount housing. Mechanical rotary movements are
converted into impulses by interrupted contact resulting in
the existing circuit opening or closing. Impulse ratios are
available within the range of 1 turn = 15 impulses up to max.
32 turns.
Dimensions
63
64
35
28
17
50 ±0.15


Similar Part No. - G080

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
G081PU11500M ROITHNER-G081PU11500M Datasheet
236Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU11500M ROITHNER-G081PU11500M Datasheet
802Kb / 10P
   Laser Diode Module
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU1600M ROITHNER-G081PU1600M Datasheet
802Kb / 10P
   Laser Diode Module
G081PU1600M ROITHNER-G081PU1600M_12 Datasheet
802Kb / 10P
   Laser Diode Module
More results

Similar Description - G080

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
ASM GmbH
PRAS1 ASM-SENSOR-PRAS1 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-S10 OMRON-E3C-S10 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
logo
Vishay Siliconix
NTCLP100E3103H VISHAY-NTCLP100E3103H Datasheet
95Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 03-May-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com