Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G0AMHF3P32 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # G0AMHF3P32
Description  Absolute encoders - modular bus covers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G0AMHF3P32 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  G0AMHF3P32 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G0AMHF3P32 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG G0AMHF3P32 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG G0AMHF3P32 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - modular bus covers
www.baumerivo.com
2
G0AMH, G0MMH - multivo
Part number
G0AMH.
20
Interface
3P32
Profibus-DPV0 / cable gland
5P32
CANopen / cable gland
8P22
DeviceNet / cable gland
Hollow shaft
0 Hollow shaft ø12 mm without pin
1 Hollow shaft ø12 mm with pin 15 mm
B Hollow shaft ø12 mm with pin 9.5 mm
4 Hollow shaft ø14 mm without pin
5 Hollow shaft ø14 mm with pin 15 mm
F Hollow shaft ø14 mm with pin 9.5 mm
G0MMH.
20
Interface
3P32
Profibus-DPV0 / cable gland
5P32
CANopen / cable gland
8P22
DeviceNet / cable gland
Hollow shaft
0 Hollow shaft ø12 mm without pin
1 Hollow shaft ø12 mm with pin 15 mm
B Hollow shaft ø12 mm with pin 9.5 mm
4 Hollow shaft ø14 mm without pin
5 Hollow shaft ø14 mm with pin 15 mm
F Hollow shaft ø14 mm with pin 9.5 mm
Optical sensing, hollow shaft up to ø14 mm
Single and multiturn encoder 13 bit ST / 16 bit MT
CANopen / DeviceNet / Profibus
Accessories
Mounting accessories (page %S)
Z 119.024
Torque support and spring washer for
encoders with 9.5 mm pin
Z 119.041
Torque support by rubber buffer element for
encoders with 15 mm pin
Z 119.050
Spring coupling
Z 119.053
Spring coupling height 19.1 mm
Z 119.070
Spring coupling height 29.1 mm
Z 119.072
Spring coupling for encoders with ø58 mm
housing, hole distance 73 mm
Z 119.073
Spring coupling for encoders with ø58 mm
housing, hole distance 68 mm
Z 119.076
Spring coupling for encoders with ø58 mm
housing
Z 119.082
Spring coupling for encoders with ø58 mm
housing, hole distance 63 mm
Programming accessories (page %S)
Z 150.022
CD with describing files & manuals
CD with file descriptions is not included in the delivery.
You may order them on CD as accessory free-of-charge
under part number Z 150.022.
Matching bus covers are listed in the chapter “Accessories”.
Singleturn
Multiturn


Similar Part No. - G0AMHF3P32

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
G0A100HA0023 PANASONIC-G0A100HA0023 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A100ZA0041 PANASONIC-G0A100ZA0041 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A150ZA0041 PANASONIC-G0A150ZA0041 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A220GA0026 PANASONIC-G0A220GA0026 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
G0A220ZA0041 PANASONIC-G0A220ZA0041 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
More results

Similar Description - G0AMHF3P32

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXAMW IVO-GXAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G1MMH IVO-G1MMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GXMMW IVO-GXMMW Datasheet
735Kb / 4P
   Absolute encoders - modular bus covers
GEMMW IVO-GEMMW Datasheet
384Kb / 2P
   Absolute encoders - modular bus covers
GXMMS IVO-GXMMS Datasheet
716Kb / 4P
   Absolute encoders - modular bus covers
GBAMS IVO-GBAMS Datasheet
667Kb / 4P
   Absolute encoders - modular bus covers
GBAMW IVO-GBAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GCMMW IVO-GCMMW Datasheet
683Kb / 4P
   Absolute encoders - modular bus covers
GEMMH IVO-GEMMH Datasheet
494Kb / 4P
   Absolute encoders - modular bus covers
GCMMS IVO-GCMMS Datasheet
664Kb / 4P
   Absolute encoders - modular bus covers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com