Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS319.551AA5B Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # FS319.551AA5B
Description  Preset counters electromechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

FS319.551AA5B Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  FS319.551AA5B Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG FS319.551AA5B Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG FS319.551AA5B Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG FS319.551AA5B Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Preset counters electromechanic
www.baumerivo.com
2
FS309, FS319, FS329
1 preset, subtracting, permanent precontact
Display 5 digits, manual/electric reset
1
2212022
+
(-)
-
(+)
End contact
Voltage
5
6
Voltage
counting
17
19
Preliminary
contact
18
Connection diagram
Technical data - mechanical design
Display
White numbers on black
Number of digits
5-digits
Digit height
4.5 mm
Count mode
1 impulse = 1 count
Step-by-step switching
Subtracting in 2 half steps
Measuring range
99 999
Reset
Manual by reset button
Operating temperature
0...+60 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
Protection DIN EN 60529 IP 41
E-connection
Soldering pins (flat)
Weight approx.
150 g
Material
Housing: Noryl PPO, black
FS309
Housing type
Socket box
Mounting
Socket box
Dimensions W x H x L
50 x 50 x 85.9 mm
Cutout dimensions
50 x 50 mm
Installation depth
85.9 mm
FS319
Housing type
Built-in housing
Mounting
Front panel with 2 screws
Dimensions W x H x L
60 x 75 x 61 mm
Cutout dimensions
51 x 51 mm
Installation depth
77.5 mm
FS329
Housing type
Built-in housing
Mounting
Front panel with spring clips
Dimensions W x H x L
53.2 x 53.2 x 61 mm
Cutout dimensions
51 x 51 mm
Installation depth
77.5 mm
Count
Voltage DC
Voltage AC
Power
2.2 W
2.4 VA
Min. pulse duration
25 ms
50 ms
Min. pulse interval
25 ms
50 ms
Switch on time (at 25 °C) 100 %
100 %
Electronic reset
Voltage DC
Voltage AC
Power
22 W
25 VA
Min. pulse duration
250 ms
250 ms
Min. pulse interval
9x pulse duration 9x pulse duration
Switch on time (at 25 °C) 10 %
10 %
max. 1 min
max. 1 min
Trigger level
Accessories
Front frames for FS309
Z 102.01A
Front frame with knob lock provided on
transparent cover
Z 102.02A
Front frame with cylinder lock provided on
transparent cover
Z 107.02A
Front frame, insertion cutout 50 x 50 mm


Similar Part No. - FS319.551AA5B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FS319 FEELING-FS319 Datasheet
125Kb / 13P
   SINGLE PHASE DC MOTOR DRIVE IC
FS319LF-A FEELING-FS319LF-A Datasheet
125Kb / 13P
   SINGLE PHASE DC MOTOR DRIVE IC
FS319LF-B FEELING-FS319LF-B Datasheet
125Kb / 13P
   SINGLE PHASE DC MOTOR DRIVE IC
FS319LF-C FEELING-FS319LF-C Datasheet
125Kb / 13P
   SINGLE PHASE DC MOTOR DRIVE IC
More results

Similar Description - FS319.551AA5B

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
FS304 IVO-FS304 Datasheet
507Kb / 4P
   Preset counters electromechanic
FE504 IVO-FE504 Datasheet
525Kb / 4P
   Preset counters electromechanic
NE212 IVO-NE212 Datasheet
565Kb / 4P
   Preset counters electronic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
ME282PTB IVO-ME282PTB Datasheet
312Kb / 2P
   Preset counters mechanic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
NE214 IVO-NE214 Datasheet
458Kb / 2P
   Preset counters electronic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com