Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8411IDCKTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8411IDCKTG4
Description  1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8411IDCKTG4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC8411IDCKTG4 Datasheet HTML 1Page - Texas Instruments DAC8411IDCKTG4 Datasheet HTML 2Page - Texas Instruments DAC8411IDCKTG4 Datasheet HTML 3Page - Texas Instruments DAC8411IDCKTG4 Datasheet HTML 4Page - Texas Instruments DAC8411IDCKTG4 Datasheet HTML 5Page - Texas Instruments DAC8411IDCKTG4 Datasheet HTML 6Page - Texas Instruments DAC8411IDCKTG4 Datasheet HTML 7Page - Texas Instruments DAC8411IDCKTG4 Datasheet HTML 8Page - Texas Instruments DAC8411IDCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
PIN CONFIGURATION
1
2
3
6
5
4
SYNC
SCLK
D
IN
V
OUT
GND
AV
/V
DD
REF
DAC8311
DAC8411
www.ti.com ................................................................................................................................................................................................ SBAS439 – AUGUST 2008
DCK PACKAGE
SC70-6
(TOP VIEW)
Table 1. PIN DESCRIPTION
PIN
NAME
DESCRIPTION
Level-triggered control input (active low). This is the frame sychronization signal for the input data. When
SYNC goes low, it enables the input shift register and data are transferred in on the falling edges of the
following clocks. The DAC is updated following the 24th (DAC8411) or 16th (DAC8311) clock cycle,
1
SYNC
unless SYNC is taken high before this edge, in which case the rising edge of SYNC acts as an interrupt
and the write sequence is ignored by the DAC8x11. Refer to the DAC8311 and DAC8411 SYNC Interrupt
sections for more details.
2
SCLK
Serial Clock Input. Data can be transferred at rates up to 50MHz.
Serial Data Input. Data is clocked into the 24-bit (DAC8411) or 16-bit (DAC8311) input shift register on
3
DIN
the falling edge of the serial clock input.
4
AVDD/VREF
Power Supply Input, +1.8V to 5.5V.
5
GND
Ground reference point for all circuitry on the part.
6
VOUT
Analog output voltage from DAC. The output amplifier has rail-to-rail operation.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC8311 DAC8411


Similar Part No. - DAC8411IDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8411IDCKTG4 TI1-DAC8411IDCKTG4 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
More results

Similar Description - DAC8411IDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311_15 Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
logo
Intronics Power, Inc.
DAS1157 INTRONICS-DAS1157 Datasheet
904Kb / 4P
   Low Power 14-Bit, 15-Bit & 16-Bit Sampling Analog-to-Digital Converters
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com