Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F304800BA5C Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # F304800BA5C
Description  Totalizers electromechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

F304800BA5C Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  F304800BA5C Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG F304800BA5C Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG F304800BA5C Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG F304800BA5C Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers electromechanic
www.baumerivo.com
2
F 304, F 314, F 324, F 364
Impulse counters adding, modular system
Display 6- or 8-digits, with/without reset button
3
4
+(-)
-(+)
Voltage
Encoder
Connection diagram
Technical data - mechanical design
F 304
Number of digits
6-digits with reset button
8-digits without reset button
Measuring range
999 999 and 99 999 999
Housing type
Socket box
Mounting
Socket box
Dimensions W x H x L
50 x 25 x 85.8 mm
Cutout dimensions
50 x 25 mm
Installation depth
85.9 mm
F 314
Number of digits
6-digits with reset button
8-digits without reset button
Measuring range
999 999 and 99 999 999
Housing type
Built-in housing
Mounting
Front panel with 2 screws
Dimensions W x H x L
60 x 50 x 61 mm
Cutout dimensions
51 x 26 mm
Installation depth
77.5 mm
F 324
Number of digits
6-digits with reset button
8-digits without reset button
Measuring range
999 999 and 99 999 999
Housing type
Built-in housing
Mounting
Front panel with spring clips
Dimensions W x H x L
53.2 x 28.2 x 61 mm
Cutout dimensions
51 x 26 mm
Installation depth
77.5 mm
F 364
Number of digits
6-digits with reset button
Measuring range
999 999
Housing type
Built-in housing
Mounting
Front panel with 4 screws
Dimensions W x H x L
66.5 x 37 x 75 mm
Cutout dimensions
51 x 26 mm
Installation depth
72 mm
Max. counting speed 10 pulses/s
Voltage
24/110 VAC ±10 %
230 VAC +6/-10 %
Power
2.4 VA
Min. pulse duration
50 ms
Min. pulse interval
50 ms
Switch on time (at 25 °C)
100 %
Max. counting speed 20 pulses/s
Voltage
24 VDC ±10 %
Power
2.2 W
Min. pulse duration
25 ms
Min. pulse interval
25 ms
Switch on time (at 25 °C)
100 %
Trigger level
Accessories
Front panels for F 304
Z 100.01A
Front panel with transparent protective cover,
for socket box 50 x 25 mm
Front frames for F 304
Z 105.02A
Front frame with cylinder lock provided on
transparent cover
Z 107.01A
Front frame, insertion cutout 50 x 25 mm


Similar Part No. - F304800BA5C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F30 SEMTECH-F30 Datasheet
121Kb / 3P
   RECTIFIER, up to 3kV, 350mA, 250ns
logo
Powerbox
F30 POWERBOX-F30 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
New Jersey Semi-Conduct...
F30 NJSEMI-F30 Datasheet
74Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
logo
Ohmite Mfg. Co.
F30 OHMITE-F30 Datasheet
360Kb / 3P
   Stackable
logo
XP Power Limited
F30 XPPOWER-F30 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - F304800BA5C

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
FD270 IVO-FD270 Datasheet
376Kb / 2P
   Totalizers electromechanic
F503 IVO-F503 Datasheet
525Kb / 4P
   Totalizers electromechanic
F102 IVO-F102 Datasheet
551Kb / 4P
   Totalizers electromechanic
F504 IVO-F504 Datasheet
605Kb / 4P
   Totalizers electromechanic
H127 IVO-H127 Datasheet
494Kb / 4P
   Totalizers mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
N208 IVO-N208 Datasheet
395Kb / 2P
   Totalizers electronic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com