Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23S08SXC-2T Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY23S08SXC-2T
Description  3.3V Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08SXC-2T Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY23S08SXC-2T Datasheet HTML 2Page - Cypress Semiconductor CY23S08SXC-2T Datasheet HTML 3Page - Cypress Semiconductor CY23S08SXC-2T Datasheet HTML 4Page - Cypress Semiconductor CY23S08SXC-2T Datasheet HTML 5Page - Cypress Semiconductor CY23S08SXC-2T Datasheet HTML 6Page - Cypress Semiconductor CY23S08SXC-2T Datasheet HTML 7Page - Cypress Semiconductor CY23S08SXC-2T Datasheet HTML 8Page - Cypress Semiconductor CY23S08SXC-2T Datasheet HTML 9Page - Cypress Semiconductor CY23S08SXC-2T Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY23S08
Document #: 38-07265 Rev. *H
Page 9 of 10
Package Drawings and Dimensions
Figure 9. 16-Pin (150-Mil) SOIC S16
Figure 10. 16-Pin Thin Shrunk Small Outline Package (4.40 MM Body) Z16
PIN 1 ID
0°~8°
1
8
916
SEATING PLANE
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.386[9.804]
0.393[9.982]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
DIMENSIONS IN INCHES[MM] MIN.
MAX.
0.016[0.406]
0.010[0.254]
X 45°
0.004[0.102]
REFERENCE JEDEC MS-012
PART #
S16.15 STANDARD PKG.
SZ16.15 LEAD FREE PKG.
PACKAGE WEIGHT 0.15gms
51-85068-*B
4.90[0.193]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
16
PIN 1 ID
6.50[0.256]
SEATING
PLANE
1
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
BSC.
5.10[0.200]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
BSC
0.25[0.010]
0°-8°
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
PLANE
GAUGE
51-85091-*A
[+] Feedback


Similar Part No. - CY23S08SXC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S08SXC-2T CYPRESS-CY23S08SXC-2T Datasheet
264Kb / 10P
   3.3V Zero Delay Buffer
CY23S08SXC-2T CYPRESS-CY23S08SXC-2T Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
More results

Similar Description - CY23S08SXC-2T

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com