Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25811SXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY25811SXI
Description  Spread Spectrum Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811SXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY25811SXI Datasheet HTML 2Page - Cypress Semiconductor CY25811SXI Datasheet HTML 3Page - Cypress Semiconductor CY25811SXI Datasheet HTML 4Page - Cypress Semiconductor CY25811SXI Datasheet HTML 5Page - Cypress Semiconductor CY25811SXI Datasheet HTML 6Page - Cypress Semiconductor CY25811SXI Datasheet HTML 7Page - Cypress Semiconductor CY25811SXI Datasheet HTML 8Page - Cypress Semiconductor CY25811SXI Datasheet HTML 9Page - Cypress Semiconductor CY25811SXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY25811/12/14
Document Number: 38-07112 Rev. *G
Page 6 of 13
AC Electrical Specifications (Commercial Grade)
Parameter
Description
Condition
Min
Max
Unit
FIN
Input Frequency Range
Clock, Crystal, or Ceramic Resonator Input
4
32
MHz
TR1
Clock Rise Time
SSCLK, CY25811 and CY25812
2.0
5.0
ns
TF1
Clock Fall Time
SSCLK, CY25811 and CY25812
1.6
4.4
ns
TR2
Clock Rise Time
SSCLK, only CY25814 when FRSEL = M
1.0
2.2
ns
TF2
Clock Fall Time
SSCLK, only CY25814 when FRSEL = M
0.8
2.2
ns
TDCIN
Input Clock Duty Cycle
XIN
40
60
%
TDCOUT
Output Clock Duty Cycle
SSCLK
40
60
%
TCCJ1
Cycle to Cycle Jitter, Spread on
Fin = 4 MHz, Fout = 4 MHz, CY25811
800
ps
TCCJ2
Cycle to Cycle Jitter, Spread on
Fin = 8 MHZ, Fout = 8 MHz, CY25811
480
ps
TCCJ3
Cycle to Cycle Jitter, Spread on
Fin = 8 MHz, Fout = 16 MHz, CY25812
400
ps
TCCJ4
Cycle to Cycle Jitter, Spread on
Fin = 16 MHz, Fout = 32 MHz, CY25812
450
ps
TCCJ5
Cycle to Cycle Jitter, Spread on
Fin = 16 MHz, Fout = 64 MHz, CY25814
550
ps
TCCJ6
Cycle to Cycle Jitter, Spread on
Fin = 32 MHz, Fout = 128 MHz, CY25814
380
ps
TSU
PLL Lock Time
Fom VDD 3.0V to valid SSCLK
3
ms
DC Electrical Specifications (Industrial Grade)
Parameter
Description
Condition
Min
Max
Unit
VDD
3.3 Operating Voltage
3.3 ± 5%
3.135
3.465
V
VIL
Input Low Voltage
S0, S1 and FRSEL Inputs
0
0.13VDD
V
VIM
Input Middle Voltage
S0, S1 and FRSEL Inputs
0.40VDD 0.60VDD
V
VIH
Input High Voltage
S0, S1 and FRSEL Inputs
0.85VDD
VDD
V
VOL1
Output Low Voltage
IOL = 4 ma, SSCLK Output
0.4
V
VOL2
Output Low Voltage
IOL = 10 ma, SSCLK Output
1.2
V
VOH1
Output High Voltage
IOH = 4 ma, SSCLK Output
2.4
V
VOH2
Output High Voltage
IOH = 6 ma, SSCLK Output
2.0
V
CIN1
Input Pin Capacitance
XIN (Pin 1) and XOUT (Pin 8)
3.5
9.0
pF
CIN2
Input Pin Capacitance
All Digital Inputs
2.8
6.0
pF
CL
Output Load Capacitor
SSCLK Output
15
pF
IDD1
Dynamic Supply Current
Fin = 12 MHz, no load
28
mA
IDD2
Dynamic Supply Current
Fin = 24 MHz, no load
33
mA
IDD3
Dynamic Supply Current
Fin = 32 MHz, no load
41
mA
AC Electrical Specifications (Industrial Grade)
Parameter
Description
Condition
Min
Max
Unit
FIN
Input Frequency Range
Clock, Crystal or Ceramic Resonator Input
4
32
MHz
TR1
Clock Rise Time
SSCLK, CY25811, and CY25812
2.0
5.0
ns
TF1
Clock Fall Time
SSCLK, CY25811, and CY25812
1.6
4.4
ns
TR2
Clock Rise Time
SSCLK, only CY25814 when FRSEL = M
1.0
2.2
ns
TF2
Clock Fall Time
SSCLK, only CY25814 when FRSEL = M
0.8
2.2
ns
TDCIN
Input Clock Duty Cycle
XIN
40
60
%
TDCOUT
Output Clock Duty Cycle
SSCLK
40
60
%
TCCJ1
Cycle to Cycle Jitter, Spread on
Fin = 6MHz, CY25811/12/14
650
ps
[+] Feedback


Similar Part No. - CY25811SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811SXI CYPRESS-CY25811SXI Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
CY25811SXI CYPRESS-CY25811SXI Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
CY25811SXIT CYPRESS-CY25811SXIT Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
CY25811SXIT CYPRESS-CY25811SXIT Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25811SXI

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com