Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308SI-2 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2308SI-2
Description  3.3V Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SI-2 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2308SI-2 Datasheet HTML 1Page - Cypress Semiconductor CY2308SI-2 Datasheet HTML 2Page - Cypress Semiconductor CY2308SI-2 Datasheet HTML 3Page - Cypress Semiconductor CY2308SI-2 Datasheet HTML 4Page - Cypress Semiconductor CY2308SI-2 Datasheet HTML 5Page - Cypress Semiconductor CY2308SI-2 Datasheet HTML 6Page - Cypress Semiconductor CY2308SI-2 Datasheet HTML 7Page - Cypress Semiconductor CY2308SI-2 Datasheet HTML 8Page - Cypress Semiconductor CY2308SI-2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY2308
Document Number: 38-07146 Rev. *F
Page 3 of 14
Zero Delay and Skew Control
To close the feedback loop of the CY2308, the FBK pin is driven
from any of the eight available output pins. The output driving the
FBK pin drives a total load of 7 pF plus any additional load that
it drives. The relative loading of this output to the remaining
outputs adjusts the input-output delay. This is shown in the
Figure 2.
For applications requiring zero input-output delay, all outputs
including the one providing feedback is equally loaded.
If input-output delay adjustments are required, use the Zero
Delay and Skew Control graph to calculate loading differences
between the feedback output and remaining outputs.
For zero output-output skew, outputs are loaded equally. For
further information on using CY2308, refer to the application note
“CY2308: Zero Delay Buffer.”
Available CY2308 Configurations
Device
Feedback From
Bank A Frequency
Bank B Frequency
CY2308–1
Bank A or Bank B
Reference
Reference
CY2308–1H
Bank A or Bank B
Reference
Reference
CY2308–2
Bank A
Reference
Reference/2
CY2308–2
Bank B
2 X Reference
Reference
CY2308–3
Bank A
2 X Reference
Reference or Reference[5]
CY2308–3
Bank B
4 X Reference
2 X Reference
CY2308–4
Bank A or Bank B
2 X Reference
2 X Reference
CY2308–5H
Bank A or Bank B
Reference /2
Reference /2
Figure 2. REF. Input to CLKA/CLKB Delay Versus Difference in Loading between FBK pin and CLKA/CLKB Pins
Note
5. Output phase is indeterminant (0° or 180° from input clock). If phase integrity is required, use the CY2308–2.
[+] Feedback


Similar Part No. - CY2308SI-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SI-2 CYPRESS-CY2308SI-2 Datasheet
203Kb / 14P
   3.3V Zero Delay Buffer
CY2308SI-2 CYPRESS-CY2308SI-2 Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SI-2 CYPRESS-CY2308SI-2 Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
CY2308SI-2T CYPRESS-CY2308SI-2T Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SI-2T CYPRESS-CY2308SI-2T Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2308SI-2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com