Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25100SXI-XXXW Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY25100SXI-XXXW
Description  Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25100SXI-XXXW Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY25100SXI-XXXW Datasheet HTML 5Page - Cypress Semiconductor CY25100SXI-XXXW Datasheet HTML 6Page - Cypress Semiconductor CY25100SXI-XXXW Datasheet HTML 7Page - Cypress Semiconductor CY25100SXI-XXXW Datasheet HTML 8Page - Cypress Semiconductor CY25100SXI-XXXW Datasheet HTML 9Page - Cypress Semiconductor CY25100SXI-XXXW Datasheet HTML 10Page - Cypress Semiconductor CY25100SXI-XXXW Datasheet HTML 11Page - Cypress Semiconductor CY25100SXI-XXXW Datasheet HTML 12Page - Cypress Semiconductor CY25100SXI-XXXW Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CY25100
Document #: 38-07499 Rev. *F
Page 11 of 13
Package Diagrams (continued)
8
PIN1ID
SEATING
PLANE
1
BSC.
BSC
0°-8°
PLANE
GAUGE
2.90[0.114]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
6.50[0.256]
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
3.10[0.122]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
0.25[0.010]
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
DIMENSIONS IN MM[INCHES] MIN.
MAX.
51-85093-*A
Figure 7. 8-Pin Thin Shrunk Small Outline Package (4.40 mm Body) Z8
[+] Feedback


Similar Part No. - CY25100SXI-XXXW

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100SXI-XXXW CYPRESS-CY25100SXI-XXXW Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100SXI-XXXWT CYPRESS-CY25100SXI-XXXWT Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25100SXI-XXXW

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com