Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305SXC-1T Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2305SXC-1T
Description  Low-Cost 3.3V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SXC-1T Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2305SXC-1T Datasheet HTML 1Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 2Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 3Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 4Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 5Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 6Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 7Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 8Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CY2305
CY2309
Low-Cost 3.3V Zero Delay Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07140 Rev. *I
Revised September 18, 2008
Features
10 MHz to 100-/133 MHz operating range, compatible with CPU
and PCI bus frequencies
Zero input-output propagation delay
60 ps typical cycle-to-cycle jitter (high drive)
Multiple low-skew outputs
85 ps typical output-to-output skew
One input drives five outputs (CY2305)
One input drives nine outputs, grouped as 4 + 4 + 1 (CY2309)
Compatible with Pentium-based systems
Test Mode to bypass phase-locked loop (PLL) (CY2309 only
[see “Select Input Decoding” on page 3])
Available in space-saving 16-pin 150-mil SOIC or 4.4-mm
TSSOP packages (CY2309), and 8-pin, 150-mil SOIC package
(CY2305)
3.3V operation
Industrial temperature available
Functional Description
The CY2309 is a low-cost 3.3V zero delay buffer designed to
distribute high-speed clocks and is available in a 16-pin SOIC or
TSSOP package. The CY2305 is an 8-pin version of the
CY2309. It accepts one reference input, and drives out five
low-skew clocks. The -1H versions of each device operate at up
to 100-/133 MHz frequencies, and have higher drive than the -1
devices. All parts have on-chip PLLs which lock to an input clock
on the REF pin. The PLL feedback is on-chip and is obtained
from the CLKOUT pad.
The CY2309 has two banks of four outputs each, which can be
controlled by the Select inputs as shown in the “Select Input
Decoding” table on page 3. If all output clocks are not required,
BankB can be three-stated. The select inputs also allow the input
clock to be directly applied to the outputs for chip and system
testing purposes.
The CY2305 and CY2309 PLLs enter a power down mode when
there are no rising edges on the REF input. In this state, the
outputs are three-stated and the PLL is turned off, resulting in
less than 25.0
μA current draw for these parts. The CY2309 PLL
shuts down in one additional case as shown in the table below.
Multiple CY2305 and CY2309 devices can accept the same input
clock and distribute it. In this case, the skew between the outputs
of two devices is guaranteed to be less than 700 ps.
The
CY2305/CY2309
is
available
in
two/three
different
configurations, as shown in the ordering information (page 10).
The CY2305-1/CY2309-1 is the base part. The CY2305-1H/
CY2309-1H is the high-drive version of the -1, and its rise and
fall times are much faster than the -1s.
Logic Block Diagram
PLL
MUX
Select Input
REF
S2
S1
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Decoding
CLKOUT
[+] Feedback


Similar Part No. - CY2305SXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305SXC-1T CYPRESS-CY2305SXC-1T Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SXC-1T CYPRESS-CY2305SXC-1T Datasheet
490Kb / 19P
   Low Cost 3.3-V Zero Delay Buffer
More results

Similar Description - CY2305SXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
   Low-Cost, 3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com