Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22381FSZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY22381FSZC
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381FSZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY22381FSZC Datasheet HTML 1Page - Cypress Semiconductor CY22381FSZC Datasheet HTML 2Page - Cypress Semiconductor CY22381FSZC Datasheet HTML 3Page - Cypress Semiconductor CY22381FSZC Datasheet HTML 4Page - Cypress Semiconductor CY22381FSZC Datasheet HTML 5Page - Cypress Semiconductor CY22381FSZC Datasheet HTML 6Page - Cypress Semiconductor CY22381FSZC Datasheet HTML 7Page - Cypress Semiconductor CY22381FSZC Datasheet HTML 8Page - Cypress Semiconductor CY22381FSZC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY22381
Document #: 38-07012 Rev. *E
Page 5 of 9
Switching Characteristics
Parameter
Name
Description
Min
Typ.
Max
Unit
1/t1
Output Frequency[3, 4]
Clock output limit, Commercial
200
MHz
Clock output limit, Industrial
166
MHz
t2
Output Duty Cycle[3, 5]
Duty cycle for outputs, defined as t2 ÷ t1,
Fout < 100 MHz, divider >= 2, measured
at VDD/2
45%
50%
55%
Duty cycle for outputs, defined as t2 ÷ t1,
Fout > 100 MHz or divider = 1, measured
at VDD/2
40%
50%
60%
t3
Rising Edge Slew Rate[3]
Output clock rise time, 20% to 80% of VDD 0.75
1.4
V/ns
t4
Falling Edge Slew Rate[3]
Output clock fall time, 20% to 80% of VDD 0.75
1.4
V/ns
t5
Output Three-state Timing[3] Time for output to enter or leave
three-state mode after SHUTDOWN/OE
switches
150
300
ns
t6
Clock Jitter[3, 6]
Peak-to-peak period jitter, CLK outputs
measured at VDD/2
–200
ps
t7
Lock Time[3]
PLL Lock Time from Power up
1.0
3
ms
Switching Waveforms
Notes
4. Guaranteed to meet 20% – 80% output thresholds and duty cycle specifications.
5. Reference Output duty cycle depends on XTALIN duty cycle.
6. Jitter varies significantly with configuration. Reference Output jitter depends on XTALIN jitter and edge rate.
t1
OUTPUT
t2
t3
t4
Figure 2. All Outputs, Duty Cycle and Rise and Fall Time
t5
OE
ALL
OUTPUTS
t5
THREE-STATE
Figure 3. Output Three-State Timing
CLK
OUTPUT
t6
Figure 4. CLK Output Jitter
[+] Feedback


Similar Part No. - CY22381FSZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381FC CYPRESS-CY22381FC Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381FCT CYPRESS-CY22381FCT Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381FI CYPRESS-CY22381FI Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381FIT CYPRESS-CY22381FIT Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381FXC CYPRESS-CY22381FXC Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22381FSZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com