Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY5057 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY5057
Description  High-Frequency Flash Programmable PLL Die with Spread Spectrum
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY5057 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY5057 Datasheet HTML 1Page - Cypress Semiconductor CY5057 Datasheet HTML 2Page - Cypress Semiconductor CY5057 Datasheet HTML 3Page - Cypress Semiconductor CY5057 Datasheet HTML 4Page - Cypress Semiconductor CY5057 Datasheet HTML 5Page - Cypress Semiconductor CY5057 Datasheet HTML 6Page - Cypress Semiconductor CY5057 Datasheet HTML 7Page - Cypress Semiconductor CY5057 Datasheet HTML 8Page - Cypress Semiconductor CY5057 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY5057
Document #: 38-07363 Rev. *E
Page 2 of 10
Die Pad Description
Die Pad Summary [Pad coordinates are referenced from the center of the die (X = 0, Y = 0)]
Table 1. Die Pad Summary
Name
Die Pad
Description
X Coordinate
Y Coordinate
VDD
1,2
Power supply
–843.612
597.849, 427.266
VSS
6,7
Ground
883.743, 887.355
–563.304, –369.957
XIN
4
Crystal gate pin
–843.612
–1.806
XOUT
3
Crystal drain pin
–843.612
236.565
PD#/OE
5
Flash programmable to function as power down or output enable
in normal operating mode. Weak pull up is enabled by default
–843.612
–424.662
VPP
Super voltage when going into programming mode
SDA
Data pin when going into and when in programming mode
SSON#
10
Active low spread spectrum control. Asserting LOW turns the
internal modulation waveform on. Strong pull down is enabled by
default. Pull down is disabled in power down mode
834.183
589.848
SCL
Clock pin in programming mode. Must be double bonded to the
OUT pad for pinouts not using the SSON# function. There is an
internal pull down resistor on this pad
OUT
9
Clock output. There is an internal pull down resistor on this pad.
Weak pull down is enabled by default. Default output is from the
reference
834.183
462.840
NC
8
No connect pin (do not connect this pad)
834.183
335.832
Note
Active die size: X = 75.0 mils / 1907
μm
Bond pad opening: 85
μm x 85 μm
Pad pitch: 125
μm x 125 μm
(pad center to pad center)
Y = 56.2 mils / 1428
μm
Scribe: Y (horizontal) = 2.8 mils / 71
μm
X (vertical) = 3.4 mils / 86.2
μm
Wafer thickness: 11 mils and 29 mils TYPICAL (See
Ordering Information table for details)
[+] Feedback


Similar Part No. - CY5057

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY5057 CYPRESS-CY5057 Datasheet
246Kb / 10P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057 CYPRESS-CY5057 Datasheet
300Kb / 11P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057-11WAF CYPRESS-CY5057-11WAF Datasheet
246Kb / 10P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057-11WAF-IL CYPRESS-CY5057-11WAF-IL Datasheet
246Kb / 10P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057-11WAF-IL CYPRESS-CY5057-11WAF-IL Datasheet
300Kb / 11P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
More results

Similar Description - CY5057

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY5057 CYPRESS-CY5057_11 Datasheet
300Kb / 11P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057 CYPRESS-CY5057 Datasheet
246Kb / 10P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
logo
Epson Company
SG-9001CA EPSON-SG-9001CA Datasheet
130Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
logo
Cypress Semiconductor
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com