Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2309NZSXI-1HT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2309NZSXI-1HT
Description  Nine-Output 3.3V Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309NZSXI-1HT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2309NZSXI-1HT Datasheet HTML 1Page - Cypress Semiconductor CY2309NZSXI-1HT Datasheet HTML 2Page - Cypress Semiconductor CY2309NZSXI-1HT Datasheet HTML 3Page - Cypress Semiconductor CY2309NZSXI-1HT Datasheet HTML 4Page - Cypress Semiconductor CY2309NZSXI-1HT Datasheet HTML 5Page - Cypress Semiconductor CY2309NZSXI-1HT Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CY2309NZ
Document #: 38-07182 Rev. *E
Page 3 of 6
Switching Characteristics for Commercial and Industrial Temperature Devices[3]
Parameter
Name
Description
Min
Typ.
Max
Unit
Duty Cycle[2] = t2 ÷ t1
Measured at 1.4V
40.0
50.0
60.0
%
t3
Rise Time[2]
Measured between 0.8V and 2.0V
1.50
ns
t4
Fall Time[2]
Measured between 0.8V and 2.0V
1.50
ns
t5
Output to Output Skew[2]
All outputs equally loaded
250
ps
t6
Propagation Delay, BUF_IN
Rising Edge to OUTPUT
Rising Edge[2]
Measured at VDD/2
1
5
9.2
ns
Switching Waveforms
Note
3. All parameters specified with loaded outputs.
t1
t2
1.4V
1.4V
1.4V
Figure 2. Duty Cycle Timing
OUTPUT
t3
3.3V
0V
0.8V
2.0V
2.0V
0.8V
t4
Figure 3. All Outputs Rise/Fall Time
1.4V
1.4V
t5
OUTPUT
OUTPUT
Figure 4. Output-Output Skew
VDD/2
t6
INPUT
OUTPUT
VDD/2
Figure 5. Input-Output Propagation Delay
[+] Feedback


Similar Part No. - CY2309NZSXI-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309NZSC-1H CYPRESS-CY2309NZSC-1H Datasheet
115Kb / 5P
   Nine-Output 3.3V Buffer
CY2309NZSI-1H CYPRESS-CY2309NZSI-1H Datasheet
115Kb / 5P
   Nine-Output 3.3V Buffer
More results

Similar Description - CY2309NZSXI-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309NZ CYPRESS-CY2309NZ Datasheet
115Kb / 5P
   Nine-Output 3.3V Buffer
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
logo
Alliance Semiconductor ...
ASM2P2309NZ ALSC-ASM2P2309NZ Datasheet
398Kb / 9P
   Nine Output 3.3V Buffer
ASM5P2309NZ ALSC-ASM5P2309NZ Datasheet
392Kb / 9P
   Nine Output 3.3V Buffer
logo
Renesas Technology Corp
IDT2309NZ RENESAS-IDT2309NZ Datasheet
292Kb / 6P
   NINE OUTPUT 3.3V CLOCK BUFFER
MAY 2010
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ_10 Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
IDT2309NZ IDT-IDT2309NZ Datasheet
47Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305NZ RENESAS-IDT2305NZ Datasheet
279Kb / 7P
   FIVE OUTPUT 3.3V CLOCK BUFFER
FEB. 2017
logo
Integrated Device Techn...
IDT2305NZ IDT-IDT2305NZ Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
IDT2305NZ IDT-IDT2305NZ_17 Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com