Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY22392 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part No. CY22392
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY22392 Datasheet(HTML) 1 Page - Cypress Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CY22392
Three-PLL General Purpose
FLASH Programmable Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07013 Rev. *E
Revised October 10, 2008
Features
Three integrated phase-locked loops
Ultra Wide Divide Counters (8-bit Q, 11-bit P, and 7-bit Post
Divide)
Improved Linear Crystal Load capacitors
Flash programmability
Field programmable
Low-jitter, high-accuracy outputs
Power-management options (Shutdown, OE, Suspend)
Configurable Crystal drive strength
Frequency Select through 3 external LVTTL Inputs
3.3V operation
16-pin TSSOP packages
CyClocksRT™ Support
Benefits
Generates up to 3 unique frequencies on 6 outputs up to 200
MHz from an external source. Functional upgrade for current
CY2292 family.
Allows for 0 ppm Frequency Generation and Frequency
Conversion under the most demanding applications.
Improves frequency accuracy over temperature, age, process,
and initial offset.
Non-Volatile programming enables easy customization,
ultra-fast turnaround, performance tweaking, design timing
margin testing, inventory control, lower part count, and more
secure product supply. In addition, any part in the family can
also be programmed multiple times which reduces
programming errors and provides an easy upgrade path for
existing designs.
In-house programming of samples and prototype quantities is
available using the CY3672 FTG Development Kit. Production
quantities are available through Cypress Semiconductor’s
value added Distribution partners or by using third party
programmers from BP Microsystems, HiLo Systems, and
others.
Performance suitable for high-end multimedia,
communications, industrial, A/D Converters, and consumer
applications.
Supports numerous low-power application schemes and
reduces EMI by allowing unused outputs to be turned off.
Adjust Crystal Drive Strength for compatibility with virtually all
crystals.
3-Bit External Frequency Select Options for PLL1, CLKA, and
CLKB.
Industry-standard supply voltage.
Industry-standard packaging saves on board space.
Easy to use software support for design entry.
XTALIN
XTALOUT
S2/SUSPEND
S1
S0
SHUTDOWN/OE
CONFIGURATION
FLASH
OSC.
XBUF
PLL1
CLKE
11 BIT P
8 BIT Q
PLL2
11 BIT P
8 BIT Q
PLL3
11 BIT P
8 BIT Q
4x4
Switch
Crosspoint
Divider
7 BIT
Divider
7 BIT
Divider
7 BIT
Divider
7 BIT
Divider
/2,3, or 4
CLKA
CLKB
CLKC
CLKD
Logic Block Diagram
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn