Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY5057-11WAF-IL Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY5057-11WAF-IL
Description  High-Frequency Flash Programmable PLL Die with Spread Spectrum
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY5057-11WAF-IL Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY5057-11WAF-IL Datasheet HTML 2Page - Cypress Semiconductor CY5057-11WAF-IL Datasheet HTML 3Page - Cypress Semiconductor CY5057-11WAF-IL Datasheet HTML 4Page - Cypress Semiconductor CY5057-11WAF-IL Datasheet HTML 5Page - Cypress Semiconductor CY5057-11WAF-IL Datasheet HTML 6Page - Cypress Semiconductor CY5057-11WAF-IL Datasheet HTML 7Page - Cypress Semiconductor CY5057-11WAF-IL Datasheet HTML 8Page - Cypress Semiconductor CY5057-11WAF-IL Datasheet HTML 9Page - Cypress Semiconductor CY5057-11WAF-IL Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY5057
Document #: 38-07363 Rev. *E
Page 8 of 10
Figure 6. Power Up Timing
Figure 7. Spread Spectrum On and OFF Timing
Ordering Information
Ordering Code
Status
Type
Operating Range
CY5057-11WAF
Obsolete
Inked wafer (background to 11 mils)
–40
°C to 100°C
CY5057-11WAF-IL
Active
Inkless wafer (background to 11 mils)
–40
°C to 100°C
CY5057-29WAF-IL
Active
Inkless wafer (thickness 29 mils)
–40
°C to 100°C
CLKOUT
Power Up
Valid CLKOUT
VDD
0V
0.9VDD
TPSRT
TLOCK
+100%
-100%
Internal
Modulation
Waveform
SSON#
TSSON2
TSSON1
TSSON3
0%
[+] Feedback


Similar Part No. - CY5057-11WAF-IL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY5057-11WAF-IL CYPRESS-CY5057-11WAF-IL Datasheet
246Kb / 10P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057-11WAF-IL CYPRESS-CY5057-11WAF-IL Datasheet
300Kb / 11P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
More results

Similar Description - CY5057-11WAF-IL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY5057 CYPRESS-CY5057_11 Datasheet
300Kb / 11P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057 CYPRESS-CY5057 Datasheet
246Kb / 10P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
logo
Epson Company
SG-9001CA EPSON-SG-9001CA Datasheet
130Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
logo
Cypress Semiconductor
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com