Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23S08ZC-1HT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY23S08ZC-1HT
Description  3.3V Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08ZC-1HT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY23S08ZC-1HT Datasheet HTML 2Page - Cypress Semiconductor CY23S08ZC-1HT Datasheet HTML 3Page - Cypress Semiconductor CY23S08ZC-1HT Datasheet HTML 4Page - Cypress Semiconductor CY23S08ZC-1HT Datasheet HTML 5Page - Cypress Semiconductor CY23S08ZC-1HT Datasheet HTML 6Page - Cypress Semiconductor CY23S08ZC-1HT Datasheet HTML 7Page - Cypress Semiconductor CY23S08ZC-1HT Datasheet HTML 8Page - Cypress Semiconductor CY23S08ZC-1HT Datasheet HTML 9Page - Cypress Semiconductor CY23S08ZC-1HT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY23S08
Document #: 38-07265 Rev. *H
Page 7 of 10
Test Circuits
Figure 7. Test Circuit 1
Figure 8. Test Circuit 2
0.1
μF
V
DD
0.1
μF
V
DD
CLK OUT
C
LOAD
OUTPUTS
GND
GND
Test Circuit for all parameters except t8
V
DD
0.1
μF
V
DD
CLK out
10 pF
OUTPUTS
GND
GND
1 K
Ω
1 K
Ω
0.1
μF
Test Circuit for t8, Output slew rate on –1H device
Test Circuit # 2
[+] Feedback


Similar Part No. - CY23S08ZC-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S08ZC-1HT CYPRESS-CY23S08ZC-1HT Datasheet
166Kb / 8P
   3.3V Zero Delay Buffer
CY23S08ZC-1HT CYPRESS-CY23S08ZC-1HT Datasheet
264Kb / 10P
   3.3V Zero Delay Buffer
More results

Similar Description - CY23S08ZC-1HT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com