Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305SI-1 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2305SI-1
Description  Low-Cost 3.3V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SI-1 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2305SI-1 Datasheet HTML 3Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 4Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 5Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 6Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 7Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 8Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 9Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 10Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY2305
CY2309
Document #: 38-07140 Rev. *I
Page 7 of 15
t8
Output Slew Rate[6]
Measured between 0.8V and 2.0V using
Test Circuit #2
1–
V/ns
tJ
Cycle to Cycle Jitter[6]
Measured at 66.67 MHz, loaded outputs
60
200
ps
tLOCK
PLL Lock Time[6]
Stable power supply, valid clock
presented on REF pin
––
1.0
ms
Switching Waveforms
Switching Characteristics for CY2305SI-1H and CY2309SI-1H Industrial Temperature Devices
Parameter[7]
Name
Description
Min
Typ.
Max
Unit
t1
t2
1.4V
1.4V
1.4V
Figure 4. Duty Cycle Timing
OUTPUT
t3
3.3V
0V
0.8V
2.0V
2.0V
0.8V
t4
Figure 5. All Outputs Rise/Fall Time
1.4V
1.4V
t5
OUTPUT
OUTPUT
Figure 6. Output-Output Skew
VDD/2
t6
INPUT
OUTPUT
VDD/2
Figure 7. Input-Output Propagation Delay
VDD/2
VDD/2
t7
CLKOUT, Device 1
CLKOUT, Device 2
Figure 8. Device-Device Skew
[+] Feedback


Similar Part No. - CY2305SI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305SI-1 CYPRESS-CY2305SI-1 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
CY2305SI-1 CYPRESS-CY2305SI-1 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SI-1 CYPRESS-CY2305SI-1 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305SI-1H CYPRESS-CY2305SI-1H Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
CY2305SI-1H CYPRESS-CY2305SI-1H Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
More results

Similar Description - CY2305SI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
   Low-Cost, 3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com