Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21434-24LQXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C21434-24LQXIT
Description  PSoC짰 Mixed-Signal Array
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21434-24LQXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C21434-24LQXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C21434-24LQXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C21434-24LQXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C21434-24LQXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C21434-24LQXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C21434-24LQXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C21434-24LQXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C21434-24LQXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C21434-24LQXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
CY8C21634, CY8C21534
CY8C21434, CY8C21334, CY8C21234
Document Number: 38-12025 Rev. *M
Page 3 of 43
The Analog System
The Analog System consists of 4 configurable blocks that allow
the creation of complex analog signal flows. Analog peripherals
are very flexible and may be customized to support specific
application requirements. Some of the common PSoC analog
functions for this device (most available as user modules) are:
Analog-to-digital converters (single or dual, with 8-bit
resolution)
Pin-to-pin comparator
Single-ended comparators (up to 2) with absolute (1.3V)
reference or 8-bit DAC reference
1.3V reference (as a System Resource)
In most PSoC devices, analog blocks are provided in columns of
three, which includes one CT (Continuous Time) and two SC
(Switched Capacitor) blocks. The CY8C21x34 devices provide
limited functionality Type “E” analog blocks. Each column
contains one CT Type E block and one SC Type E block. Refer
to the PSoC Mixed-Signal Array Technical Reference Manual for
detailed information on the CY8C21x34’s Type E analog blocks.
Figure 2. Analog System Block Diagram
The Analog Multiplexer System
The Analog Mux Bus can connect to every GPIO pin. Pins may
be connected to the bus individually or in any combination. The
bus also connects to the analog system for analysis with
comparators and analog-to-digital converters. An additional 8:1
analog input multiplexer provides a second path to bring Port 0
pins to the analog array.
Switch control logic enables selected pins to precharge
continuously under hardware control. This enables capacitive
measurement for applications such as touch sensing. Other
multiplexer applications include:
Track pad, finger sensing.
Chip-wide mux that allows analog input from any IO pin.
Crosspoint connection between any IO pin combinations.
When designing capacitive sensing applications, refer to the
signal-to-noise system level requirement found in Application
Note
AN2403
on
the
Cypress
web
site
at
http://www.cypress.com.
Additional System Resources
System Resources, some of which are listed in the previous
sections, provide additional capability useful to complete
systems. Additional resources include a switch mode pump, low
voltage detection, and power on reset. Brief statements
describing the merits of each system resource follow.
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks may be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
The I2C module provides 100 and 400 kHz communication over
two wires. Slave, master, and multi-master modes are all
supported.
Low Voltage Detection (LVD) interrupts can signal the
application of falling voltage levels, while the advanced POR
(Power On Reset) circuit eliminates the need for a system
supervisor.
An internal 1.3 voltage reference provides an absolute
reference for the analog system, including ADCs and DACs.
An integrated switch mode pump (SMP) generates normal
operating voltages from a single 1.2V battery cell, providing a
low cost boost converter.
Versatile analog multiplexer system.
ACOL1MUX
ACE00
ACE01
Array
Array Input
Configuration
ASE10
ASE11
X
X
X
X
X
AnalogMuxBus
All IO
ACI0[1:0]
ACI1[1:0]
[+] Feedback


Similar Part No. - CY8C21434-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21434-24LQXIT CYPRESS-CY8C21434-24LQXIT Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C21434-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com