Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23S09ZC-1 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY23S09ZC-1
Description  Low Cost 3.3V Spread Aware Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S09ZC-1 Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY23S09ZC-1 Datasheet HTML 1Page - Cypress Semiconductor CY23S09ZC-1 Datasheet HTML 2Page - Cypress Semiconductor CY23S09ZC-1 Datasheet HTML 3Page - Cypress Semiconductor CY23S09ZC-1 Datasheet HTML 4Page - Cypress Semiconductor CY23S09ZC-1 Datasheet HTML 5Page - Cypress Semiconductor CY23S09ZC-1 Datasheet HTML 6Page - Cypress Semiconductor CY23S09ZC-1 Datasheet HTML 7Page - Cypress Semiconductor CY23S09ZC-1 Datasheet HTML 8Page - Cypress Semiconductor CY23S09ZC-1 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Document Number: 38-07296 Rev. *D
Revised October 22, 2008
Page 9 of 9
Pentium is a registered trademark of Intel Corporation. Spread Aware is a trademark of Cypress Semiconductor Corporation. All product and company names mentioned in this document may be the
trademarks of their respective holders.
CY23S09, CY23S05
© Cypress Semiconductor Corporation, 2001-2008. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of
any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for
medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as
critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems
application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign),
United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of,
and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress
integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without
the express written permission of Cypress.
Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not
assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where
a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress’ product in a life-support systems application implies that the manufacturer
assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Use may be limited by and subject to the applicable Cypress software license agreement.
Document History Page
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer’s representatives, and distributors. To find the office
closest to you, visit us at cypress.com/sales.
Products
PSoC
psoc.cypress.com
Clocks & Buffers
clocks.cypress.com
Wireless
wireless.cypress.com
Memories
memory.cypress.com
Image Sensors
image.cypress.com
PSoC Solutions
General
psoc.cypress.com/solutions
Low Power/Low Voltage
psoc.cypress.com/low-power
Precision Analog
psoc.cypress.com/precision-analog
LCD Drive
psoc.cypress.com/lcd-drive
CAN 2.0b
psoc.cypress.com/can
USB
psoc.cypress.com/usb
Document Title: CY23S09/CY23S05 Low Cost 3.3V Spread Aware Zero Delay Buffer
Document Number: 38-07296
Rev.
ECN No.
Submission
Date
Orig. of
Change
Description of Change
**
111147
11/14/01
DSG
Changed from spec number 38-01094 to 38-07296
*A
111773
02/20/02
CTK
Added 150-mil SSOP option
*B
122885
12/22/02
RBI
Added power-up requirements to Operating Conditions
*C
267849
See ECN
RGL
Added Lead-Free devices
*D
2595524
10/23/08
CXQ/PYRS Added device “Status” to Ordering Information
[+] Feedback


Similar Part No. - CY23S09ZC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S09ZC-1 CYPRESS-CY23S09ZC-1 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S09ZC-1 CYPRESS-CY23S09ZC-1 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S09ZC-1H CYPRESS-CY23S09ZC-1H Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S09ZC-1H CYPRESS-CY23S09ZC-1H Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results

Similar Description - CY23S09ZC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
   Spread Aware?? Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
   Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
   Spread Aware?? Zero Delay Buffer
W152 CYPRESS-W152 Datasheet
145Kb / 7P
   Spread Aware?? Eight Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
   Spread Aware?? Eight Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
   Spread Aware Ten/Eleven Output Zero Delay Buffer
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com