Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23S05SC-1H Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY23S05SC-1H
Description  Low Cost 3.3V Spread Aware Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S05SC-1H Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY23S05SC-1H Datasheet HTML 1Page - Cypress Semiconductor CY23S05SC-1H Datasheet HTML 2Page - Cypress Semiconductor CY23S05SC-1H Datasheet HTML 3Page - Cypress Semiconductor CY23S05SC-1H Datasheet HTML 4Page - Cypress Semiconductor CY23S05SC-1H Datasheet HTML 5Page - Cypress Semiconductor CY23S05SC-1H Datasheet HTML 6Page - Cypress Semiconductor CY23S05SC-1H Datasheet HTML 7Page - Cypress Semiconductor CY23S05SC-1H Datasheet HTML 8Page - Cypress Semiconductor CY23S05SC-1H Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CY23S09, CY23S05
Document Number: 38-07296 Rev. *D
Page 8 of 9
Figure 5. 16-Pin TSSOP 4.40 mm Body Z16.173
Figure 6. 16-Pin (150-Mil) QSOP Q1
Package Diagrams continued
4.90[0.193]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
16
PIN1ID
6.50[0.256]
SEATING
PLANE
1
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
BSC.
5.10[0.200]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
BSC
0.25[0.010]
0°-8°
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
PLANE
GAUGE
DIMENSIONS IN MM[INCHES] MIN.
MAX.
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.05 gms
PART #
Z16.173
STANDARD PKG.
ZZ16.173 LEAD FREE PKG.
51-85091-*A
51-85053-*B
[+] Feedback


Similar Part No. - CY23S05SC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S05SC-1H CYPRESS-CY23S05SC-1H Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05SC-1H CYPRESS-CY23S05SC-1H Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results

Similar Description - CY23S05SC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
   Spread Aware?? Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
   Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
   Spread Aware?? Zero Delay Buffer
W152 CYPRESS-W152 Datasheet
145Kb / 7P
   Spread Aware?? Eight Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
   Spread Aware?? Eight Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
   Spread Aware Ten/Eleven Output Zero Delay Buffer
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com