Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY2291 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part No. CY2291
Description  Three-PLL General Purpose EPROM Programmable Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY2291 Datasheet(HTML) 10 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY2291
Document #: 38-07189 Rev. *C
Page 10 of 12
Switching Waveforms
SELECT
CPU
OLD SELECT
NEW SELECT STABLE
Fold
Fnew
t8 &t10
Figure 5. CPU Frequency Change
Test Circuit
Ordering Information
Ordering Code
Package Type
Operating Range
Operating Voltage
CY2291FI[16]
20-Pin SOIC
Industrial
3.3V or 5.0V
Pb-Free
CY2291SXC–XXX
20-Pin SOIC
Commercial
5.0V
CY2291SXC–XXXT
20-Pin SOIC – Tape and Reel
Commercial
5.0V
CY2291SXL–XXX
20-Pin SOIC
Commercial
3.3V
CY2291SXL–XXXT
20-Pin SOIC – Tape and Reel
Commercial
3.3V
CY2291FX
20-Pin SOIC
Commercial
3.3V or 5.0V
CY2291FXT
20-Pin SOIC – Tape and Reel
Commercial
3.3V or 5.0V
Package Characteristics
Package
θ
JA (C/W)
θ
JC (C/W)
Transistor Count
20-pin SOIC
125
25
9271
0.1
μF
VDD
0.1
μF
VDD
CLK out
CLOAD
GND
OUTPUTS
Note
16. Not recommended for new designs.
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn