Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CTMG120-00AXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8CTMG120-00AXI
Description  TrueTouch??Multi-Touch Gesture Touchscreen Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CTMG120-00AXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8CTMG120-00AXI Datasheet HTML 1Page - Cypress Semiconductor CY8CTMG120-00AXI Datasheet HTML 2Page - Cypress Semiconductor CY8CTMG120-00AXI Datasheet HTML 3Page - Cypress Semiconductor CY8CTMG120-00AXI Datasheet HTML 4Page - Cypress Semiconductor CY8CTMG120-00AXI Datasheet HTML 5Page - Cypress Semiconductor CY8CTMG120-00AXI Datasheet HTML 6Page - Cypress Semiconductor CY8CTMG120-00AXI Datasheet HTML 7Page - Cypress Semiconductor CY8CTMG120-00AXI Datasheet HTML 8Page - Cypress Semiconductor CY8CTMG120-00AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
CY8CTMG120
Document Number: 001-46929 Rev. *B
Page 3 of 33
The Analog System
The Analog System is composed of 6 configurable blocks, each
comprised of an opamp circuit allowing the creation of complex
analog signal flows. Analog peripherals are very flexible and can
be customized to support specific application requirements.
Some of the more common PSoC analog functions (most
available as user modules) are listed below.
Analog-to-digital converters (up to 2, with 6- to 14-bit resolution,
selectable as Incremental, Delta Sigma, and SAR)
Filters (2 and 4 pole band-pass, low pass, and notch)
Amplifiers (up to 2, with selectable gain to 48x)
Instrumentation amplifiers (1 with selectable gain to 93x)
Comparators (up to 2, with 16 selectable thresholds)
DACs (up to 2, with 6- to 9-bit resolution)
Multiplying DACs (up to 2, with 6- to 9-bit resolution)
High current output drivers (two with 30 mA drive as a PSoC
Core Resource)
1.3V reference (as a System Resource)
Modulators
Correlators
Peak detectors
Many other topologies possible
Analog blocks are arranged in a column of three, which includes
one CT (Continuous Time) and two SC (Switched Capacitor)
blocks, as shown Figure 2.
The Analog Multiplexer System
The Analog Mux Bus connects to every GPIO pin in ports 0-5.
Pins are connected to the bus individually or in any combination.
The bus also connects to the analog system for capacitive
sensing with the TrueTouch block comparator. It can be split into
two sections for simultaneous dual-channel processing. An
additional 8:1 analog input multiplexer provides a second path to
bring Port 0 pins to the analog array.
Switch control logic enables selected pins to switch dynamically
under hardware control. This allows capacitive measurement for
the touchscreen applications. Other multiplexer applications
include:
Chip-wide mux that allows analog input from up to 48 IO pins.
Electrical connection between any IO pin combinations.
Figure 2. Analog System Block Diagram
Additional System Resources
System Resources, provide additional capability useful to
complete systems. Additional resources include a multiplier,
decimator, low voltage detection, and power on reset. Brief state-
ments describing the merits of each resource follow.
Full-Speed USB (12 Mbps) with 5 configurable endpoints and
256 bytes of RAM. No external components required except
two series resistors. Wider than commercial temperature USB
operation (-10°C to +85°C).
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks can be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
Two multiply accumulates (MACs) provide fast 8-bit multipliers
with 32-bit accumulate, to assist in both general math and
digital filters.
ACB00
ACB01
Blo ck
Array
Array In put
Co n fig u ratio n
AC I1 [1 :0]
ASD20
AC I0[1 :0]
P0[6]
P0[4]
P0[2]
P0[0]
P2[2]
P2[0]
P2[6]
P2[4]
P0[7]
P0[5]
P0[3]
P0[1]
P2[3]
P2[1]
Re fe re n ce
G e n e rato rs
AG NDIn
RefIn
Bandgap
RefHi
RefLo
AG ND
ASD11
ASC21
ASC10
In te rface to
Dig ital Syste m
M 8C In te rface (Ad d re ss Bu s, Data Bu s, Etc.)
AnalogReference
All IO
(Exce p t Po rt 7)
[+] Feedback


Similar Part No. - CY8CTMG120-00AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG110-00PVXI CYPRESS-CY8CTMG110-00PVXI Datasheet
647Kb / 31P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG110-32LTXI CYPRESS-CY8CTMG110-32LTXI Datasheet
647Kb / 31P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG110-32LTXIT CYPRESS-CY8CTMG110-32LTXIT Datasheet
647Kb / 31P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
More results

Similar Description - CY8CTMG120-00AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMA120 CYPRESS-CY8CTMA120 Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
CY8CTST110 CYPRESS-CY8CTST110 Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST120 CYPRESS-CY8CTST120 Datasheet
794Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CYTMA448 CYPRESS-CYTMA448 Datasheet
304Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA545 CYPRESS-CYTMA545 Datasheet
314Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA568 CYPRESS-CYTMA568 Datasheet
378Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525A CYPRESS-CYTMA525A Datasheet
291Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA445A CYPRESS-CYTMA445A Datasheet
437Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525 CYPRESS-CYTMA525 Datasheet
302Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com