Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29466-24PVXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C29466-24PVXI
Description  PSoC짰 Mixed-Signal Array
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29466-24PVXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C29466-24PVXI Datasheet HTML 2Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 3Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 4Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 5Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 6Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 7Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 8Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 9Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
August 5, 2008
Document No. 38-12013 Rev. *J
6
CY8C29x66 Final Data Sheet
PSoC® Overview
Designing with User Modules
The development process for the PSoC device differs from that
of a traditional fixed function microprocessor. The configurable
analog and digital hardware blocks give the PSoC architecture
a unique flexibility that pays dividends in managing specification
change during development and by lowering inventory costs.
These configurable resources, called PSoC Blocks, have the
ability to implement a wide variety of user-selectable functions.
Each block has several registers that determine its function and
connectivity to other blocks, multiplexers, buses, and to the IO
pins. Iterative development cycles permit you to adapt the hard-
ware as well as the software. This substantially lowers the risk
of having to select a different part to meet the final design
requirements.
To speed the development process, the PSoC Designer Inte-
grated Development Environment (IDE) provides a library of
pre-built, pre-tested hardware peripheral functions, called “User
Modules.” User modules make selecting and implementing
peripheral devices simple, and come in analog, digital, and
mixed signal varieties. The standard User Module library con-
tains over 50 common peripherals such as ADCs, DACs Tim-
ers, Counters, UARTs, and other not-so common peripherals
such as DTMF Generators and Bi-Quad analog filter sections.
Each user module establishes the basic register settings that
implement the selected function. It also provides parameters
that allow you to tailor its precise configuration to your particular
application. For example, a Pulse Width Modulator User Mod-
ule configures one or more digital PSoC blocks, one for each 8
bits of resolution. The user module parameters permit you to
establish the pulse width and duty cycle. User modules also
provide tested software to cut your development time. The user
module application programming interface (API) provides high-
level functions to control and respond to hardware events at
run-time. The API also provides optional interrupt service rou-
tines that you can adapt as needed.
The API functions are documented in user module data sheets
that are viewed directly in the PSoC Designer IDE. These data
sheets explain the internal operation of the user module and
provide performance specifications. Each data sheet describes
the use of each user module parameter and documents the set-
ting of each register controlled by the user module.
The development process starts when you open a new project
and bring up the Device Editor, a graphical user interface (GUI)
for configuring the hardware. You pick the user modules you
need for your project and map them onto the PSoC blocks with
point-and-click simplicity. Next, you build signal chains by inter-
connecting user modules to each other and the IO pins. At this
stage, you also configure the clock source connections and
enter parameter values directly or by selecting values from
drop-down menus. When you are ready to test the hardware
configuration or move on to developing code for the project, you
perform the “Generate Application” step. This causes PSoC
Designer to generate source code that automatically configures
the device to your specification and provides the high-level user
module API functions.
User Module and Source Code Development Flows
The next step is to write your main program, and any sub-rou-
tines using PSoC Designer’s Application Editor subsystem.
The Application Editor includes a Project Manager that allows
you to open the project source code files (including all gener-
ated code files) from a hierarchal view. The source code editor
provides syntax coloring and advanced edit features for both C
and assembly language. File search capabilities include simple
string searches and recursive “grep-style” patterns. A single
mouse click invokes the Build Manager. It employs a profes-
sional-strength “makefile” system to automatically analyze all
file dependencies and run the compiler and assembler as nec-
essary. Project-level options control optimization strategies
used by the compiler and linker. Syntax errors are displayed in
a console window. Double clicking the error message takes you
directly to the offending line of source code. When all is correct,
the linker builds a HEX file image suitable for programming.
The last step in the development process takes place inside the
PSoC Designer’s Debugger subsystem. The Debugger down-
loads the HEX image to the In-Circuit Emulator (ICE) where it
runs at full speed. Debugger capabilities rival those of systems
costing many times more. In addition to traditional single-step,
run-to-breakpoint and watch-variable features, the Debugger
provides a large trace buffer and allows you define complex
breakpoint events that include monitoring address and data bus
values, memory locations and external signals.
Debugger
Interface
to ICE
Application Editor
Device Editor
Project
Manager
Source
Code
Editor
Storage
Inspector
User
Module
Selection
Placement
and
Parameter
-ization
Generate
Application
Build
All
Event &
Breakpoint
Manager
Build
Manager
Source
Code
Generator
[+] Feedback
[+] Feedback


Similar Part No. - CY8C29466-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29466-24PVXI CYPRESS-CY8C29466-24PVXI Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C29466-24PVXI CYPRESS-CY8C29466-24PVXI Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C29466-24PVXI CYPRESS-CY8C29466-24PVXI Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C29466-24PVXI CYPRESS-CY8C29466-24PVXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C29466-24PVXI CYPRESS-CY8C29466-24PVXI Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C29466-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com