Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C24894-24LFXIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C24894-24LFXIT
Description  PSoC짰 Programmable System-on-Chip?
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24894-24LFXIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C24894-24LFXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C24894-24LFXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C24894-24LFXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C24894-24LFXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C24894-24LFXIT Datasheet HTML 11Page - Cypress Semiconductor CY8C24894-24LFXIT Datasheet HTML 12Page - Cypress Semiconductor CY8C24894-24LFXIT Datasheet HTML 13Page - Cypress Semiconductor CY8C24894-24LFXIT Datasheet HTML 14Page - Cypress Semiconductor CY8C24894-24LFXIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
CY8C24094, CY8C24794
CY8C24894, CY8C24994
Document Number: 38-12018 Rev. *L
Page 11 of 46
8.1 68-Pin Part Pinout (On-Chip Debug)
The 68-pin QFN part table and drawing below is for the CY8C24094 On-Chip Debug (OCD) PSoC device.
Note This part is only used for in-circuit debugging. It is NOT available for production.
Table 8-4. 68-Pin Part Pinout (QFN[4])
Pin
No.
Type
Name
Description
Figure 8-4. CY8C24094 68-Pin OCD PSoC Device
Digital Analog
1
IO
M
P4[7]
2
IO
M
P4[5]
3
IO
MP4[3]
4
IO
MP4[1]
5
OCDE OCD even data IO.
6
OCDO OCD odd data output.
7
Power
Vss
Ground connection.
8
IO
M
P3[7]
9
IO
M
P3[5]
10
IO
MP3[3]
11
IO
MP3[1]
12
IO
M
P5[7]
13
IO
M
P5[5]
14
IO
MP5[3]
15
IO
MP5[1]
16
IO
M
P1[7]
I2C Serial Clock (SCL).
17
IO
M
P1[5]
I2C Serial Data (SDA).
18
IO
M
P1[3]
19
IO
M
P1[1]
I2C Serial Clock (SCL), ISSP SCLK[3].
20
Power
Vss
Ground connection.
21
USB
D+
22
USB
D-
23
Power
Vdd
Supply voltage.
24
IO
P7[7]
25
IO
P7[6]
26
IO
P7[5]
27
IO
P7[4]
28
IO
P7[3]
29
IO
P7[2]
Pin
No.
Type
Name
Description
30
IO
P7[1]
Digital Analog
31
IO
P7[0]
50 IO
M
P4[6]
32
IO
M
P1[0]
I2C Serial Data (SDA), ISSP SDATA[3].51 IO
I,M
P2[0]
Direct switched capacitor block input.
33
IO
M
P1[2]
52 IO
I,M
P2[2]
Direct switched capacitor block input.
34
IO
M
P1[4]
Optional External Clock Input (EXTCLK). 53 IO
M
P2[4]
External Analog Ground (AGND) input.
35
IO
M
P1[6]
54 IO
M
P2[6]
External Voltage Reference (VREF) input.
36
IO
M
P5[0]
55 IO
I,M
P0[0]
Analog column mux input.
37
IO
M
P5[2]
56 IO
I,M
P0[2]
Analog column mux input and column output.
38
IO
M
P5[4]
57 IO
I,M
P0[4]
Analog column mux input and column output.
39
IO
M
P5[6]
58 IO
I,M
P0[6]
Analog column mux input.
40
IO
M
P3[0]
59 Power
Vdd
Supply voltage.
41
IO
M
P3[2]
60 Power
Vss
Ground connection.
42
IO
M
P3[4]
61 IO
I,M
P0[7]
Analog column mux input, integration input #1
43
IO
M
P3[6]
62 IO
IO,M
P0[5]
Analog column mux input and column output,
integration input #2.
44
HCLK
OCD high-speed clock output.
63 IO
IO,M
P0[3]
Analog column mux input and column output.
45
CCLK
OCD CPU clock output.
64 IO
I,M
P0[1]
Analog column mux input.
46
Input
XRES
Active high pin reset with internal pull
down.
65 IO
M
P2[7]
47
IO
M
P4[0]
66 IO
M
P2[5]
48
IO
M
P4[2]
67 IO
I,M
P2[3]
Direct switched capacitor block input.
49
IO
M
P4[4]
68 IO
I,M
P2[1]
Direct switched capacitor block input.
LEGEND
A = Analog, I = Input, O = Output, M = Analog Mux Input, OCD = On-Chip Debugger.
M, P4[7]
M, P4[5]
M, P4[3]
M, P4[1]
OCDE
OCDO
Vss
M, P3[7]
M, P3[5]
M, P3[3]
M, P3[1]
M, P5[7]
M, P5[5]
M, P5[3]
M, P5[1]
I2C SCL, M, P1[7]
I2C SDA, M, P1[5]
P2[0], M, AI
P4[6], M
P4[4], M
P4[2], M
P4[0], M
XRES
CCLK
HCLK
P3[6], M
P3[4], M
P3[2], M
P3[0], M
P5[6], M
P5[4], M
P5[2], M
P5[0], M
P1[6], M
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
10
11
12
13
14
15
16
17
1
2
3
4
5
6
7
8
9
QFN
(Top View)
[+] Feedback


Similar Part No. - CY8C24894-24LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24894-24LFXIT CYPRESS-CY8C24894-24LFXIT Datasheet
697Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C24894-24LFXIT CYPRESS-CY8C24894-24LFXIT Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip
CY8C24894-24LFXIT CYPRESS-CY8C24894-24LFXIT Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip
More results

Similar Description - CY8C24894-24LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com