Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CNP102B-AXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8CNP102B-AXI
Description  Nonvolatile Programmable System-on-Chip(PSoC짰 NV)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CNP102B-AXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8CNP102B-AXI Datasheet HTML 1Page - Cypress Semiconductor CY8CNP102B-AXI Datasheet HTML 2Page - Cypress Semiconductor CY8CNP102B-AXI Datasheet HTML 3Page - Cypress Semiconductor CY8CNP102B-AXI Datasheet HTML 4Page - Cypress Semiconductor CY8CNP102B-AXI Datasheet HTML 5Page - Cypress Semiconductor CY8CNP102B-AXI Datasheet HTML 6Page - Cypress Semiconductor CY8CNP102B-AXI Datasheet HTML 7Page - Cypress Semiconductor CY8CNP102B-AXI Datasheet HTML 8Page - Cypress Semiconductor CY8CNP102B-AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
PRELIMINARY
CY8CNP102B, CY8CNP102E
Document #: 001-43991 Rev. *D
Page 4 of 38
18
P5_7
IO
GPIO
19
P5_5
IO
GPIO
20
P5_3
IO
GPIO
21
P5_1
IO
GPIO
22
P1_7
IO
I2C Serial Clock (SCL), GPIO
23
P1_5
IO
I2C Serial Data (SDA), GPIO
24
P1_3
IO
GPIO
25
P1_1
IO
Serial Clock (SCL), Crystal (XTALin), GPIO
26
NV_W
Connect to pin 16 (NV_W to EN_W)
27 - 34
NC
Not connected on the die
35 - 39
Vss
Power
Ground
40 - 47
NC
Not connected on the die
48
DNU
Reserved for test modes - Do Not Use
49
NV_A1
Connect to pin 58 (NV_A1 to EN_A1)
50
NV_A2
Connect to pin 59 (NV_A2 to EN_A2)
51
P1_0
IO
Serial Data (SDA), Crystal (XTALout), GPIO
52
P1_2
IO
GPIO
53
P1_6
IO
GPIO
54
P5_0
IO
GPIO
55
P5_2
IO
GPIO
56
P5_4
IO
GPIO
57
P5_6
IO
GPIO
58
EN_A1
Connect to Pin 49 (EN_A1 to NV_A1)
59
EN_A2
Connect to Pin 50 (EN_A2 to NV_A2)
60
EN_O
Connect to Pin 76 (EN_O to NV_O)
61
EN_C
Connect to Pin 99 (EN_C to NV_C)
62
XRES
Input
Active high external reset (Internal Pull down)
63
VCAP
Power
External Capacitor connection for nvSRAM
64
Vcc
Power
Supply Voltage
65
P2_0
IO
I
Direct Switched Capacitor Block Input, GPIO
66
P2_2
IO
I
Direct Switched Capacitor Block Input, GPIO
67
P2_4
IO
External Analog GND, GPIO
68
P2_6
IO
External Voltage Ref, GPIO
69
P0_0
IO
I
Analog Column Mux Input, GPIO
70
P0_2
IO
IO
Analog Column Mux Input and Column Output
71
P0_4
IO
IO
Analog Column Mux Input and Column Output
72-73
NC
Not connected on the die
74
P0_6
IO
I
Analog Column Mux Input, GPIO
75
Vcc
Power
Supply Voltage
76
NV_O
Connect to Pin 60 (NV_O to EN_O)
77
DNU
Reserved for test modes - Do Not Use
78
NC
Not connected on the die
Table 1. Pin Definitions - 100-Pin TQFP (continued)
Pin Number
Pin Name
Type
Pin Definition
Digital
Analog
[+] Feedback


Similar Part No. - CY8CNP102B-AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20000-12LFXI CYPRESS-CY8C20000-12LFXI Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20000-12LFXI CYPRESS-CY8C20000-12LFXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20000-12LFXI CYPRESS-CY8C20000-12LFXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20066-24LTXI CYPRESS-CY8C20066-24LTXI Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20066-24LTXI CYPRESS-CY8C20066-24LTXI Datasheet
706Kb / 39P
   CapSense Applications
More results

Similar Description - CY8CNP102B-AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com