Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21123-24SXIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C21123-24SXIT
Description  PSoC짰 Mixed Signal Array
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21123-24SXIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C21123-24SXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 11Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 12Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 13Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 14Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CY8C21123, CY8C21223, CY8C21323
Document Number: 38-12022 Rev. *H
Page 11 of 37
24-Pin Part Pinout
Table 7. Pin Definitions - 24-Pin QFN*a
Pin
No.
Type
Pin
Name
Description
Figure 9. CY8C21323 24-Pin PSoC Device
Digital
Analog
1
IO
I
P0[1]
Analog Column Mux Input
2
Power
SMP
Switch Mode Pump (SMP) Connection to
required External Components
3
Power
Vss
Ground connection
4
IO
P1[7]
I2C Serial Clock (SCL)
5
IO
P1[5]
I2C Serial Data (SDA)
6
IO
P1[3]
7
IO
P1[1]
I2C Serial Clock (SCL), ISSP-SCLK*
8
NC
No Connection
9
Power
Vss
Ground Connection
10
IO
P1[0]
I2C Serial Data (SDA), ISSP-SDATA*
11
IO
P1[2]
12
IO
P1[4]
Optional External Clock Input (EXTCLK)
13
IO
P1[6]
14
Input
XRES
Active High External Reset with Internal
Pull Down
15
NC
No Connection
16
IO
I
P0[0]
Analog Column Mux Input
17
IO
I
P0[2]
Analog Column Mux Input
18
IO
I
P0[4]
Analog Column Mux Input
19
IO
I
P0[6]
Analog Column Mux Input
20
Power
Vdd
Supply Voltage
21
Power
Vss
Ground Connection
22
IO
I
P0[7]
Analog Column Mux Input
23
IO
I
P0[5]
Analog Column Mux Input
24
IO
I
P0[3]
Analog Column Mux Input
LEGEND A = Analog, I = Input, and O = Output. * These are the ISSP pins, which are not High Z at
POR (Power On Reset). See the PSoC Mixed-Signal Array Technical Reference Manual for details.
a. The center pad on the QFN package must be connected to ground (Vss) for best mechanical, thermal, and electrical performance.
If not connected to ground, it must be electrically floated and not connected to any other signal.
MLF
(Top View )
A, I, P0[1]
SMP
Vss
I2C SCL, P1[7]
I2C SDA, P1[5]
P1[3]
1
2
3
4
5
6
18
17
16
15
14
13
P0[4], A, I
P0[2], A, I
NC
XRES
P1[6]
P0[0], A, I
[+] Feedback
[+] Feedback


Similar Part No. - CY8C21123-24SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21123-24SXIT CYPRESS-CY8C21123-24SXIT Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C21123-24SXIT CYPRESS-CY8C21123-24SXIT Datasheet
701Kb / 44P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C21123-24SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com