Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64345-32LQXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C64345-32LQXC
Description  enCoRe??V Full-Speed USB Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64345-32LQXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C64345-32LQXC Datasheet HTML 2Page - Cypress Semiconductor CY7C64345-32LQXC Datasheet HTML 3Page - Cypress Semiconductor CY7C64345-32LQXC Datasheet HTML 4Page - Cypress Semiconductor CY7C64345-32LQXC Datasheet HTML 5Page - Cypress Semiconductor CY7C64345-32LQXC Datasheet HTML 6Page - Cypress Semiconductor CY7C64345-32LQXC Datasheet HTML 7Page - Cypress Semiconductor CY7C64345-32LQXC Datasheet HTML 8Page - Cypress Semiconductor CY7C64345-32LQXC Datasheet HTML 9Page - Cypress Semiconductor CY7C64345-32LQXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CY7C6431x
CY7C64345, CY7C6435x
Document Number: 001-12394 Rev. *F
Page 6 of 29
Pin Configuration
The enCoRe V USB device is available in a variety of packages which are listed and illustrated in the subsequent tables.
16-Pin Part Pinout
Figure 1. CY7C64315/CY7C64316 16-Pin enCoRe V Device
QFN
(Top View)
P2[3]
P1[5]
P1[1]
P0[4]
P1[0]
P1[7]
P1[4]
XRES
1
2
3
4
12
11
10
9
Notes
1. During power up or reset event, device P1[0] and P1[1] may disturb the I2C bus. Use alternate pins if issues are encountered.
2. These are the in-system serial programming (ISSP) pins that are not High Z at power on reset (POR).
Table 1. 16-Pin Part Pinout (QFN)
Pin No.
Type
Name
Description
1
IO
P2[3]
Digital IO, Crystal Input (Xin)
2
IOHR
P1[7]
Digital IO, SPI SS, I2C SCL
3
IOHR
P1[5]
Digital IO, SPI MISO, I2C SDA
4IOHR
P1[1](1, 2)
Digital IO, ISSP CLK, 12C SCL, SPI MOSI
5
Power
Vss
Ground connection
6
USB line
D+
USB PHY
7
USB line
D–
USB PHY
8
Power
Vdd
Supply
9IOHR
P1[0](1, 2)
Digital IO, ISSP DATA, I2C SDA, SPI CLK
10
IOHR
P1[4]
Digital IO, optional external clock input (EXTCLK)
11
Input
XRES
Active high external reset with internal pull down
12
IOH
P0[4]
Digital IO
13
IOH
P0[7]
Digital IO
14
IOH
P0[3]
Digital IO
15
IOH
P0[1]
Digital IO
16
IO
P2[5]
Digital IO, Crystal Output (Xout)
LEGEND I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output
[+] Feedback


Similar Part No. - CY7C64345-32LQXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64345-32LQXC CYPRESS-CY7C64345-32LQXC Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64345-32LQXC CYPRESS-CY7C64345-32LQXC Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C64345-32LQXC CYPRESS-CY7C64345-32LQXC Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C64345-32LQXC CYPRESS-CY7C64345-32LQXC Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
More results

Similar Description - CY7C64345-32LQXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_11 Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com