Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68000A-56LFXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C68000A-56LFXC
Description  MoBL-USB??TX2 USB 2.0 UTMI Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68000A-56LFXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C68000A-56LFXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 9Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 10Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 11Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 12Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 13Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CY7C68000A
Document #: 38-08052 Rev. *G
Page 10 of 15
AC Electrical Characteristics
USB 2.0 Transceiver
USB 2.0-compliant in FS and HS modes.
Timing Diagram
HS/FS Interface Timing - 60 MHz
Figure 3. 60 MHz Interface Timing Constraints
Table 3. 60 MHz Interface Timing Constraints Parameters
Parameter
Description
Min
Typ
Max
Unit
Notes
TCSU_MIN
Minimum setup time for TXValid
4
ns
TCH_MIN
Minimum hold time for TXValid
1
ns
TDSU_MIN
Minimum setup time for Data (transmit direction)
4
ns
TDH_MIN
Minimum hold time for Data (transmit direction)
1
ns
TCCO
Clock to Control out time for TXReady, RXValid,
RXActive and RXError
18
ns
TCDO
Clock to Data out time (Receive direction)
1
8
ns
TCSU_MIN
TCH_MIN
TDSU_MIN
TDH_MIN
TCDO
TCCO
DataIn
DataOut
Control_Out
Control_In
CLK
[+] Feedback


Similar Part No. - CY7C68000A-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000A-56LFXC CYPRESS-CY7C68000A-56LFXC Datasheet
598Kb / 14P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000A-56LFXC CYPRESS-CY7C68000A-56LFXC Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
More results

Similar Description - CY7C68000A-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000 CYPRESS-CY7C68000_06 Datasheet
333Kb / 14P
   TX2??USB 2.0 UTMI Transceiver
CY7C68000 CYPRESS-CY7C68000 Datasheet
237Kb / 14P
   TX2 USB 2.0 UTMI Transceiver
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
   MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003_10 Datasheet
652Kb / 27P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
logo
GENESYS LOGIC
GL800HT25 GENESYS-GL800HT25 Datasheet
158Kb / 20P
   USB 2.0 UTMI Compliant Transceiver IP Core
logo
Cypress Semiconductor
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 39P
   MoBL-USB??FX2LP18 USB Microcontroller
CY7C68053 CYPRESS-CY7C68053_09 Datasheet
1Mb / 40P
   MoBL-USB FX2LP18 USB Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com