Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B991V-2JC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7B991V-2JC
Description  Low Voltage Programmable Skew Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991V-2JC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7B991V-2JC Datasheet HTML 5Page - Cypress Semiconductor CY7B991V-2JC Datasheet HTML 6Page - Cypress Semiconductor CY7B991V-2JC Datasheet HTML 7Page - Cypress Semiconductor CY7B991V-2JC Datasheet HTML 8Page - Cypress Semiconductor CY7B991V-2JC Datasheet HTML 9Page - Cypress Semiconductor CY7B991V-2JC Datasheet HTML 10Page - Cypress Semiconductor CY7B991V-2JC Datasheet HTML 11Page - Cypress Semiconductor CY7B991V-2JC Datasheet HTML 12Page - Cypress Semiconductor CY7B991V-2JC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY7B991V
3.3V RoboClock®
Document Number: 38-07141 Rev. *D
Page 10 of 13
Switching Characteristics – 5 Option
Over the Operating Range [2, 11]
Parameter
Description
CY7B991V–5
Unit
Min
Typ
Max
fNOM
Operating Clock Frequency in MHz
FS = LOW[1, 2]
15
30
MHz
FS = MID[1, 2]
25
50
FS = HIGH[1, 2]
40
80
tRPWH
REF Pulse Width HIGH
5.0
ns
tRPWL
REF Pulse Width LOW
5.0
ns
tU
Programmable Skew Unit
See Table 2
tSKEWPR
Zero Output Matched-Pair Skew (XQ0, XQ1)[14, 15]
0.1
0.25
ns
tSKEW0
Zero Output Skew (All Outputs)[[14, 15]
0.25
0.5
ns
tSKEW1
Output Skew (Rise-Rise, Fall-Fall, Same Class Outputs)[14, 18]
0.6
0.7
ns
tSKEW2
Output Skew (Rise-Fall, Nominal-Inverted, Divided-Divided)[14, 18]
0.5
1.0
ns
tSKEW3
Output Skew (Rise-Rise, Fall-Fall, Different Class Outputs)14, 18]
0.5
0.7
ns
tSKEW4
Output Skew (Rise-Fall, Nominal-Divided, Divided-Inverted)14, 18]
0.5
1.0
ns
tDEV
Device-to-Device Skew[13, 19]
1.25
ns
tPD
Propagation Delay, REF Rise to FB Rise
–0.5
0.0
+0.5
ns
tODCV
Output Duty Cycle Variation[20]
–1.0
0.0
+1.0
ns
tPWH
Output HIGH Time Deviation from 50%[21]
2.5
ns
tPWL
Output LOW Time Deviation from 50%[21]
3ns
tORISE
Output Rise Time[21, 22]
0.15
1.0
1.5
ns
tOFALL
Output Fall Time[21, 22]
0.15
1.0
1.5
ns
tLOCK
PLL Lock Time[22]
0.5
ms
tJR
Cycle-to-Cycle Output Jitter
RMS[13]
25
ps
Peak-to-Peak[13]
200
ps
Notes
11. Test measurement levels for the CY7B991V are TTL levels (1.5V to 1.5V). Test conditions assume signal transition times of 2 ns or less and output loading as shown
in the AC Test Loads and Waveforms unless otherwise specified.
12. Guaranteed by statistical correlation. Tested initially and after any design or process changes that may affect these parameters.
13. SKEW is defined as the time between the earliest and the latest output transition among all outputs for which the same tU delay has been selected when all are
loaded with 30 pF and terminated with 50
Ω to VCC/2 (CY7B991V).
14. tSKEWPR is defined as the skew between a pair of outputs (XQ0 and XQ1) when all eight outputs are selected for 0tU.
15. tSKEW0 is defined as the skew between outputs when they are selected for 0tU. Other outputs are divided or inverted but not shifted.
16. CL=0 pF. For CL=30 pF, tSKEW0=0.35 ns.
17. There are three classes of outputs: Nominal (multiple of tU delay), Inverted (4Q0 and 4Q1 only with 4F0 = 4F1 = HIGH), and Divided (3Qx and 4Qx only in Divide-by-2
or Divide-by-4 mode).
18. tDEV is the output-to-output skew between any two devices operating under the same conditions (VCC ambient temperature, air flow, etc.)
19. tODCV is the deviation of the output from a 50% duty cycle. Output pulse width variations are included in tSKEW2 and tSKEW4 specifications.
20. Specified with outputs loaded with 30 pF for the CY7B991V–5 and –7 devices. Devices are terminated through 50
Ω to VCC/2.tPWH is measured at 2.0V. tPWL is
measured at 0.8V.
21. tORISE and tOFALL measured between 0.8V and 2.0V.
22. tLOCK is the time that is required before synchronization is achieved. This specification is valid only after VCC is stable and within normal operating limits. This parameter is
measured from the application of a new signal or frequency at REF or FB until tPD is within specified limits.
[+] Feedback


Similar Part No. - CY7B991V-2JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V-2JC CYPRESS-CY7B991V-2JC Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-2JCT CYPRESS-CY7B991V-2JCT Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B991V-2JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com